Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
15
Detailed Description
The MAXQ3183 contains four major subsections: the
analog front-end, the digital signal processor, the preci-
sion pulse generators, and an SPI peripheral for com-
munication to the host processor.
Analog Front-End
The analog front-end (AFE) is an 8-channel analog-to-
digital converter (ADC). It operates autonomously in the
standard configuration, assigning three channels to
phase A, B, and C voltage; three channels to phase A,
B, and C current; one channel to neutral current; and
the last channel to a temperature sensor.
Each channel also contains a programmable-gain
amplifier capable of providing a gain of 1, 2, 4, 8, 16, or
32 incoming signals. Only the voltage channels permit
gain scaling by the host processor. The MAXQ3183
DSP firmware automatically sets the gain on current
channels.
Digital Signal Processor
The DSP code is permanently embedded in masked
ROM and accepts raw current and voltage samples for
each of three phases and continuously calculates a
host of values including RMS volts, RMS amps, real
energy, reactive energy, apparent energy, fundamental
and harmonic energy, and power factor.
The MAXQ3183 DSP core processes incoming sam-
ples from the analog front-end according to user con-
figurations. The host sets these operating parameters
by specifying addresses within the device RAM space.
When a calculation cycle is complete, the results are
placed back into RAM as well. Thus, the DSP core uses
the RAM block as both its input (for operating parame-
ters) and output (for calculation results) medium. See
the
SPI Peripheral section for how the host writes oper-
ating parameters and reads results from the RAM.
The DSP also calculates certain values such as line fre-
quency and active and reactive powers only when
demanded by the host.
Precision Pulse Generators
The MAXQ3183 includes two precision pulse genera-
tors that generate a pulse whenever certain conditions
are met. In the MAXQ3183, many meter quantities can
be selected for conversion to meter pulses including
absolute energy, net energy, reactive energy, voltage,
and current.
The pulse generators are accumulators. On each DSP
cycle, whatever quantity is being measured—real ener-
gy, reactive energy, current, or something else—is
added to the pulse accumulator. The pulse accumula-
tor is then tested to determine if the value in the accu-
mulator is greater than the threshold. If it is greater, the
threshold value is subtracted from the accumulator
value and the meter pulse starts.
SPI Peripheral
The SPI controller is a slave-only device that can read
or write any location in the data RAM. Additionally, it
can request data from on-demand registers.
The MAXQ3183 implements a truly full-duplex commu-
nication, rather than the pseudo half-duplex mode used
by other SPI peripherals. That is, each time a character
is received by the MAXQ3183, a meaningful character
is returned to the host. Often, this is a protocol charac-
ter. In this way, the host can be assured that the com-
mand has been received and is valid. Optional error
checking can also be enabled to further guarantee
proper operation.
Operating Modes
The MAXQ3183 has two basic modes of operation,
each of which is described in the following sections.
The Initialization Mode is the default mode upon power-
up or following reset; entry to and exit from the other
operating modes is only performed as a result of com-
mands sent by the master.
Run Mode
This mode is the normal operating mode for the
MAXQ3183. In this mode, the MAXQ3183 continuously
executes the following operations:
• Scans analog front-end channels and collects raw
voltage and current samples.
• Processes voltage and current samples through DSP
filters as enabled and configured.
• Calculates power, energy, and other required quanti-
ties and stores these values in RAM registers.
• Responds to register write and read commands from
the master.
• Outputs power pulses on CFP and CFQ as configured.
• Drives IRQ when an interrupt condition has been
detected and the interrupt is not masked.
Stop Mode
This mode places the MAXQ3183 into a power-saving
state where it consumes the least possible amount of
current. In Stop Mode, all functions are suspended,
including the ADC and power and voltage measurement
and processing. The MAXQ3183 does not respond to
any commands from the master in this operating state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com