Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 92 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 88Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 89Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 90Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 91Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 92Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
92
______________________________________________________________________________________
Energy, Fundamental, Reactive Negative, Phase X = A/B/C (X.ERFNEG)
(A: 0x208, B: 0x2F4, C: 0x3E0)
On every DSP cycle, the contents of the X.REAF register are tested, and, if negative, absolute values are added to
this register. When this register overflows, the RNFOV bit in the X.EFOVER register is set.
Energy Fundamental, Apparent, Phase X = A/B/C (X.ESF)
(A: 0x20C, B: 0x2F8, C: 0x3E4)
On every DSP cycle, the contents of the X.ESF register are added to this register. When this register overflows, the
SFOV bit in the X.EFOVER register is set. When the MAXQ3183 is operating in low-power mode, energy is not accu-
mulated. However, during low-power mode, current values are accumulated to this register, making this register
accumulate ampere-hours.
Bit:
31
30
29
28
27
26
25
24
Name:
Reactive Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Reactive Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Reactive Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Reactive Energy Byte 0
Bit:
31
30
29
28
27
26
25
24
Name:
Apparent Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Apparent Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Apparent Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Apparent Energy Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com