Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
46
______________________________________________________________________________________
Energy, Reactive Negative, Phase X = A/B/C (X.ERNEG)
(A: 0x1F4, B: 0x2E0, C: 0x3CC)
On every DSP cycle, the contents of the X.REA register are tested, and, if negative, absolute values are added to
this register. When this register overflows, the RNOV bit in the X.EOVER register is set.
Energy, Apparent, Phase X = A/B/C (X.ES) (A: 0x1F8, B: 0x2E4, C: 0x3D0)
On every DSP cycle, the contents of the X.APP register are added to this register. When this register overflows, the
SOV bit in the X.EOVER register is set.
Bit:
31
30
29
28
27
26
25
24
Name:
Reactive Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Reactive Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Reactive Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Reactive Energy Byte 0
Bit:
31
30
29
28
27
26
25
24
Name:
Apparent Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Apparent Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Apparent Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Apparent Energy Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com