Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3183-RAN+ Datasheet(PDF) 77 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
77
Neutral Current and Harmonics
Auxiliary Channel Configuration (AUX_CFG) (0x010)
The MAXQ3183 can monitor the RMS value of one auxiliary channel in addition to its normal processing. The
Auxiliary Channel Configuration register selects which input the auxiliary channel processes and what processing is
applied to the auxiliary channel.
Bit:
15
14
13
12
11
10
9
8
Name:
—
—
—
ORDH
Reset:
0
0
0
0
0
0
0
0
Bit:
7
6
5
4
3
2
1
0
Name:
ENHARM
ENAUX
INREV
—
AUX_MUX
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15:13, 4
—
Reserved.
12:8
ORDH
Order of Harmonic (1–21). The output of harmonic voltage is read via virtual register 0x830 and current
at 0x840.
7
ENHARM
Enable Auxiliary Channel Harmonic Filter. When set, the auxiliary channel is processed through the
harmonic filter. The parameters for this filter can be set in the B0HARM and A1HARM registers.
6
ENAUX
Enable Auxiliary Channel. When set, enables auxiliary channel processing.
5
INREV
Sets the sign of the neutral current, used in the vector sum calculation.
0 = positive, i.e., IN is directly summed with IA + IB + IC.
1 = negative, -IN is summed with IA + IB + IC.
3:0
AUX_MUX
Auxiliary Channel Input or Current Vector Sum Select. The lower three bits select the input to be
processed by the auxiliary channel if the MSB (bit 3) is cleared. When MSB is set, this field selects
vector sum computation:
1001 = IA + IB +IC
1111 = IA + IB + IC + IN (INREV = 0) or IA + IB + IC - IN (INREV = -1)
0001 = IN
0010 = VA
0011 = IA
0100 = VB
0101 = IB
0110 = VC
0111 = IC
All other values are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com