Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37V Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 53Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 54Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 55Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 56Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 57Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 58Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 59Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
HT45R37V
Rev. 1.00
57
October 20, 2009
M F I C 0 R e g i s t e r
S P I / I 2 C i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
C / R t o F c o n v e r t e r i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
S P I / I 2 C i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
C / R t o F c o n v e r t e r i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 0
E S I M
E R C O C I
S I M F
b 7
R C O C F
Interrupt Control Register
- MFIC0
M F I C 1 R e g i s t e r
A / D c o n v e r t e r i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
R e a l T i m e C l o c k i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
T i m e B a s e i n t e r r u p t e n a b l e
1 : e n a b l e
0 : d i s a b l e
R e s e r v e d b i t
1 : u n p r e d i c a b l e o p e r a t i o n - b i t m u s t N O T b e s e t t o " 1 "
0 : c o r r e c t l e v e l - b i t m u s t b e s e t t o " 0 " f o r c o r r e c t o p e r a t i o n
A / D c o n v e r t e r i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
R e a l T i m e C l o c k i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
T i m e B a s e i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
U n d e f i n e d b i t
b 0
E T B I E R T I E A D I
b 7
A D F
R T F
T B F
R e s e r v e d
U n d e f i n e d
Interrupt Control Register
- MFIC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com