Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37V Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD VCC
Conditions
ISTB3
Standby Current ( Idle)
(fSYS,fWDT=off;
fS=fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
¾
No load, system HALT,
WDT off
¾
24
mA
5V
¾¾
46
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾¾ Configuration option: 2.1V
1.98
2.1
2.22
V
¾¾ Configuration option: 3.15V 2.98
3.15
3.32
V
¾¾ Configuration option: 4.2V
3.98
4.2
4.42
V
VLVD
Low Voltage Detector Voltage
¾¾ Configuration option: 2.2V
2.08
2.2
2.32
V
¾¾ Configuration option: 3.3V
3.12
3.3
3.50
V
¾¾ Configuration option: 4.4V
4.12
4.4
4.70
V
IOL1
I/O Port Sink Current -
Except PC0
3V
¾
VOL=0.1VDD
612
¾
mA
5V
¾
10
25
¾
mA
IOH1
I/O Port Source Current
3V
¾
VOH=0.9VDD
-2
-4
¾
mA
5V
¾-5
-8
¾
mA
IOL2
PC0 Sink Current
3V
¾
VOL=0.1VDD
0.8
1.5
¾
mA
5V
¾
24
¾
mA
RPH
Pull-high Resistance for I/O
Ports
3V
¾
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
¾
0
¾
AVDD
V
VREF
A/D Input Reference Voltage
Range
¾¾
¾
¾
AVDD
¾
V
DNL
A/C Differential Non-Linearity
¾¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-2
¾
2
LSB
INL
ADC Integral Non-Linearity
¾¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-4
¾
4
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
¾
0.5
1
mA
5V
¾¾
1.5
3
mA
VO
LDO Output Voltage
¾¾
¾
4.7
5.0
5.3
V
VCC
VFD, F1O, BZO and BZO
Output Supply Voltage
¾¾
¾
12
¾
24
V
IOUT
Maximum LDO Output Current
¾¾ For V
CC
³5V
10
¾¾
mA
DVLNR Line Regulation
¾¾
VIN=(VOUT+0.1V) to 24V,
IOUT=1mA
¾
0.2
¾
%/V
DVLDR Load Regulation
¾¾
IOUT=100
mA to 20mA,
COUT=10pF
¾
0.1
0.2
%/mA
HT45R37V
Rev. 1.00
6
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com