Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37V Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
HT45R37V
Rev. 1.00
65
October 20, 2009
Register
Reset
(Power-on)
RES Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
-- 00 0000
-- 00 0000
-- 00 0000
-- uu uuuu
PCPU
--- 0 000 -
--- 0 000 -
--- 0 000 -
--- u uuu -
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTEDGE
---- 0000
---- 0000
---- 0000
---- uuuu
MISC
0000 1010
0000 1010
0000 1010
uuuu uuuu
TMRAH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRAL
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
RCOCCR
0000 1
---
0000 1
---
0000 1
---
uuuu u
---
TMRBH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRBL
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
RCOCR
1xxx
-- 00
1xxx
-- 00
1xxx
-- 00
uuuu
-- uu
SIMCTL0
1110 000
-
1110 000
-
1110 000
-
uuuu uuu
-
SIMCTL1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMAR/SIMCTL2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com