Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37V Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 69Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 70Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 71Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 72Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 73Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 74Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 75Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
HT45R37V
Rev. 1.00
72
October 20, 2009
time-out period may vary with temperature, VDD and
process variations. As the clear instruction only resets
the last stage of the divider chain, for this reason the ac-
tual division ratio and corresponding Watchdog Timer
time-out can vary by a factor of two. The exact division
ratio depends upon the residual value in the Watchdog
Timer counter before the clear instruction is executed.
If the fSYS/4 clock is used as the Watchdog Timer clock
source, it should be noted that when the system enters
the Power Down Mode, then the instruction clock is
stopped and the Watchdog Timer will lose its protecting
purposes. For systems that operate in noisy environ-
ments, using the 32K_INT RC oscillator is strongly rec-
ommended.
Under normal program operation, a Watchdog Timer
time-out will initialise a device reset and set the status bit
TO. However, if the system is in the Power Down Mode,
when a Watchdog Timer time-out occurs, the TO bit in
the status register will be set and only the Program
Counter and Stack Pointer will be reset. Three methods
can be adopted to clear the contents of the Watchdog
Timer. The first is an external hardware reset, which
means a low level on the RES pin, the second is using
the watchdog software instructions and the third is via a
²HALT² instruction.
Clearing the Watchdog Timer
There are two methods of using software instructions to
clear the Watchdog Timer, one of which must be chosen
by configuration option. The first option is to use the sin-
gle
²CLR WDT² instruction while the second is to use the
two commands
²CLR WDT1² and ²CLR WDT2². For the
first option, a simple execution of
²CLR WDT² will clear
the WDT while for the second option, both
²CLR WDT1²
and
²CLR WDT2² must both be executed to successfully
clear the Watchdog Timer. Note that for this second op-
tion, if
²CLR WDT1² is used to clear the Watchdog Timer,
successive executions of this instruction will have no ef-
fect, only the execution of a
²CLR WDT2² instruction will
clear the Watchdog Timer. Similarly after the
²CLR
WDT2
² instruction has been executed, only a successive
²CLR WDT1² instruction can clear the Watchdog Timer.
W D T S o u r c e
C o n f i g u r a t i o n
O p t i o n
C o n t r o l
L o g i c
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
f S Y S / 4
3 2 K _ I N T O s c i l l a t o r
8 - b i t D i v i d e r
f S
C L R
W D T T i m e - o u t
( 2 1 3 / f S , 2 1 4 / f S , 2 1 5 / f S o r 2 1 6 / f S )
¸ 2
7 - b i t P r e s c a l e r
f S / 2 8
f S / 2 1 2 , f S / 2 1 3 , f S / 2 1 4 o r f S / 2 1 5
C o n f i g O p t i o n
R T C O s c i l l a t o r
Watchdog Timer
M I S C R e g i s t e r
b 7
W D T E N 0
b 0
W D T E N 1
P A 0 ~ P A 3 O p e n D r a i n C o n t r o l
- d e s c r i b e d e l s e w h e r e
W a t c h d o g T i m e r E n a b l e C o n t r o l
O D E 0
W D T E N 3
1
W D T E N 2
W D T E N 3
O D E 1
O D E 2
O D E 3
W D T E N 2
0
W D T E N 1
1
W D T E N 0
0
d i s a b l e
e n a b l e
a l l o t h e r v a l u e s
Watchdog Timer Software Control
- MISC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com