Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R37V Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 59Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
HT45R37V
Rev. 1.00
63
October 20, 2009
· RES Pin Reset
This type of reset occurs when the microcontroller is
already running and the RES pin is forcefully pulled
low by external hardware such as an external switch.
In this case as in the case of other reset, the Program
Counter will reset to zero and program execution initi-
ated from this point. The RES pin is shared with an I/O
pin so its function must be first selected using a config-
uration option.
· Low Voltage Reset - LVR
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device,
which is selected via a configuration option. If the supply
voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally. The LVR includes the following specifications: For
a valid LVR signal, a low voltage, i.e., a voltage in the
range between 0.9V~VLVR must exist for greater than the
value tLVR specified in the A.C. characteristics. If the low
voltage state does not exceed 1ms, the LVR will ignore it
and will not perform a reset function. One of a range of
specified voltage values for VLVR can be selected using
configuration options. The VLVR value will be selected as
a pair in conjunction with a Low Voltage Detect value.
· Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal opera-
tion is the same as a hardware RES pin reset except
that the Watchdog time-out flag TO will be set to
²1².
· Watchdog Time-out Reset during Power Down
The Watchdog time-out Reset during Power Down is
a little different from other kinds of reset. Most of the
conditions remain unchanged except that the Pro-
gram Counter and the Stack Pointer will be cleared to
²0² and the TO flag will be set to ²1². Refer to the A.C.
Characteristics for tSST details.
Reset Initial Conditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
Power Down function or Watchdog Timer. The reset
flags are shown in the table:
TO PDF
RESET Conditions
0
0
RES reset during power-on
u
u
RES or LVR reset during normal operation
1
u
WDT time-out reset during normal operation
1
1
WDT time-out reset during Power Down
Note:
²u² stands for unchanged
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins
counting
Timer/Event Counter Timer Counter will be turned off
Prescaler
The Timer Counter Prescaler
will be cleared
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the
top of the stack
W D T T i m e - o u t
S S T T i m e - o u t
C h i p R e s e t
t R S T D
WDT Time-out Reset during Normal Operation
Timing Chart
W D T T i m e - o u t
S S T T i m e - o u t
t S S T
WDT Time-out Reset during Power Down
R E S
S S T T i m e - o u t
C h i p R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D
RES Reset Timing Chart
L V R
S S T T i m e - o u t
C h i p R e s e t
t R S T D
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com