| Electronic Components Datasheet Search |
|
HT45R37V Datasheet(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45R37V Datasheet(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 90 page ![]() HT45R37V Rev. 1.00 41 October 20, 2009 Example: using an EOCB polling method to detect the end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; select fSYS/8 as A/D clock and turn on ADONB bit mov a,00001000B ; setup ADCR register to configure Port PB0 as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D converter : : ; As the Port B channel bits have changed the ; following START ; signal (0-1-0) must be issued ; instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D Polling_EOC: sz EOCB ; poll the ADCR register EOCB bit to detect end ; of A/D conversion jmp polling_EOC ; continue polling mov a,ADRL ; read low byte conversion result value mov adrl_buffer,a ; save result to user defined register mov a,ADRH ; read high byte conversion result value mov adrh_buffer,a ; save result to user defined register : jmp start_conversion ; start next A/D conversion Example: using the interrupt method to detect the end of conversion clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; select fSYS/8 as A/D clock and turn on ADONB bit mov a,00001000B ; setup ADCR register to configure Port PB0 ; as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D : ; As the Port B channel bits have changed the ; following START signal(0-1-0) must be issued ; : Start_conversion: clr START set START ; reset A/D clr START ; start A/D clr ADF ; clear ADC interrupt request flag set EADI ; enable ADC interrupt set EMFI1 ; enable multi-function 1 interrupt set EMI ; enable global interrupt : : : ; ADC interrupt service routine ADC_: mov acc_stack,a ; save ACC to user defined memory a,STATUS mov status_stack,a ; save STATUS to user defined memory : : mov a,ADRL ; read low byte conversion result value mov adrl_buffer,a ; save result to user defined register mov a,ADRH ; read high byte conversion result value mov adrh_buffer,a ; save result to user defined register : : EXIT__ISR: mov a,status_stack mov STATUS,a ; restore STATUS from user defined memory mov a,acc_stack ; restore ACC from user defined memory clr ADF ; clear ADC interrupt flag reti |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |