Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
ST7632
Ver 1.7
39/96
2006/08/15
EXT=
”0”
(1) Display ON (DISON) Command: 1; Parameter: None (AFH)
It is used to turn the display on. When the display is turned on, segment outputs and common outputs are generated at the
level corresponding to the display data and display timing. You can
’t turn on the display as long as the sleep mode is
selected. Thus, whenever using this command, you must cancel the sleep mode first.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
1
1
1
1
(2) Display OFF (DISOFF) Command: 1; Parameter: None (AEH)
It is used to forcibly turn the display off. As long as the display is turned off, every on segment and common outputs are
forced to Vss level.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
1
1
1
0
(3) Normal display (DISNOR) Command: 1; Parameter: None (A6H)
It is used to normally highlight the display area without modifying contents of the display data RAM.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
0
1
1
0
(4) Inverse display (DISINV) Command: 1; Parameter: None (A7)
It is used to inversely highlight the display area without modifying contents of the display data RAM. This command does
not invert non-display areas in case of using partial display.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
1
0
0
1
1
1
(5) Common scan (COMSCAN) Command: 1; Parameter: 1 (BBH)
It is used to specify the direction the common output direction. This command helps increasing degrees of freedom of
wiring on the LCD panel.
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
1
0
1
1
1
0
1
1
-
Parameter1 (P1)
1
1
0
*
*
*
*
*
P12
P11
P10
Command Scan direction
When 1/132 is selected for the display duty, pins and common output are scanned in the order shown below.
Common scan direction
P12
P11
P10
COM0 pin
COM65 pin
COM66 pin
COM131 pin
0
0
0
0
0
1
0
1
0
0
1
1
0
à
65
0
à
65
65
à
0
65
à
0
66
à
131
131
à
66
66
à
131
131
à
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com