Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
ST7632
Ver 1.7
25/96
2006/08/15
Memory Map (When using the 16 gray-scale Type B. 16-bit mode, 16 gray-scale 65K (8bit/16bit), 16 gray-scale
262K(8bit/16bit), and 16 gray-scale 65M(8bit/16bit) mode. )
RGB alignment (Command of data control parameter2=000)
Data control command (BCH)
Column
P11:0
0
1
131
Color
R
G
B
R
G
B
R
G
B
Data
Page
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P11:1
131
130
0
Color
R
G
B
R
G
B
R
G
B
LCD
read
direction
Data
Page
Block
P10:0
P10:1
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
131
1
130
2
129
0
3
128
4
127
5
126
6
125
1
7
124
8
123
2
9
122
124
7
125
6
126
5
31
127
4
128
3
129
2
130
1
32
131
0
SEGout
0
1
2
3
4
5
393
394
395
You can change position of R and B with DATACTL command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com