Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
ST7632
Ver 1.7
19/96
2006/08/15
Use the command for switching between these modes.
(1) 256-color display out of 4096 colors
Using RGBSET8 command enables you to set color for each of R, G and B by turning on palette function prepared to
convert 3-bit or 2-bit data to 4-bit data.
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0 : RRRGGGBB (8 bits) data is converted to RRRRGGGGBBBB (12 bits) and then
stored on the display RAM.
(2) 4096-color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRR
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGBBBB
2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRRGGGGBBBB
A single pixel of data is read and written in the display RAM in a single write operation.
“XXXX” are dummy bits, and they are ignored for display.
(3) 65K color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGG
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGBBBBB
2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGGGGGBBBBB (16 bits)
Data is acquired through signal write operation and then written to the display RAM.
(4) 262K color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXX
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGGGXX
2nd write
D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXX
3rd write
A single pixel of data is read after the third write operation as shown, and it is written in the display RAM.
2. 16 bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXXGGGGGGXX
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXXXXXXXXXXXX
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
“XXXX” are dummy bits, and they are ignored for display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com