Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
ST7632
Ver 1.7
49/96
2006/08/15
(18) Read modify write out (RMWOUT) Command: 1; Parameter: 0 (EEH)
Enter this command cancels the read modify write mode
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
1
1
0
1
1
1
0
(19) Area scroll set (ASCSET) Command: 1; Parameter: 4 (AAH)
It is used when scrolling only the specified portion of the screen (dividing the screen by lines). This command and
succeeding parameters specify the type of area scroll, FIX area and scroll area.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
1
0
1
0
1
0
1
0
--
Parameter(P1)
1
1
0
*
*
P15
P14
P13
P12
P11
P10
Top block address
Parameter(P2)
1
1
0
*
*
P25
P24
P23
P22
P21
P20
Bottom block address
Parameter(P3)
1
1
0
*
*
P35
P34
P33
P32
P31
P30
Number of specified blocks
Parameter(P4)
1
1
0
*
*
*
*
*
*
P41
P40
Area scroll mode
P4: It is used to specify an area scroll mode.
P41
P40
Type of area scroll
0
0
0
1
1
0
1
1
Center screen scroll
Top screen scroll
Bottom screen scroll
Whole screen scroll
Center screen scroll
Top screen scroll
Bottom screen scroll
Whole screen scroll
Fixed area
Scroll area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com