Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
ST7632
Ver 1.7
22/96
2006/08/15
7-2 ACCESS TO DDRAM AND INTERNAL REGISTERS
ST7632 realizes high-speed data transfer because the access from MPU is a sort of pipeline processing done via the bus
holder attached to the internal, requiring the cycle time alone without needing the wait time.
For example, when MPU writes data to the DDRAM, the data is once held by the bus holder and then written to the
DDRAM before the succeeding write cycle is started. When MPU reads data from the DDRAM, the first read cycle is
dummy and the bus holder holds the data read in the dummy cycle, and then it read from the bus holder to the system bus
in the succeeding read cycle. Fig. 7.2.1 illustrates these relations.
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
D(N)
D(N+1)
D(N+2)
D(N+3)
N
N+1
N+2
N+3
MPU signal
A0
/WR
DATA
Internal signals
/WR
BUS HOLDER
COLUMN ADDRESS
Write
Operation
N
Dummy
D(N)
D(N+1)
MPU signal
A0
/WR
DATA
Internal signals
/WR
COLUMN ADDRESS
/RD
N
D(N)
D(N+1)
D(N+2)
D(N)
D(N+1)
D(N+2)
N
/RD
BUS HOLDER
Read
Operation
Fig 7.2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com