Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
ST7632
Ver 1.7
63/96
2006/08/15
P4: Select LCD bias ratio of the voltage required for driving the LCD.
(14) Color Dither OFF (DITHOFF) Command: 1; Parameter: None (34H)
Turn off the dithering circuit.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
1
0
1
0
0
(15) Color Dither ON (DITHON) Command: 1; Parameter: None (35H)
Turn on the dithering circuit.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
1
0
1
0
1
(16) Control EEPROM:1 Parameter: 1 (CDH)
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
1
0
0
1
1
0
1
Parameter (P1)
1
1
0
*
*
P15
*
*
*
*
*
P15: when setting
“1” è The Write Enable of EEPROM will be opened.
P15: when setting
“0” è The Read Enable of EEPROM will be opened.
(17) Cancel EEPROM
Command: 1;Parameter : None (CCH)
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
1
0
0
1
1
0
0
(18) Write data to EEPROM (EPMWR) Command: 1; Parameter: None (FCH)
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
1
1
1
1
1
0
0
(19) Read data from EEPROM (EPMWR) Command: 1; Parameter: None (FDH)
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
1
1
1
1
1
0
1
P42
P41
P40
LCD bias
0
0
0
1/12
0
0
1
1/11
0
1
0
1/10
0
1
1
1/9
1
0
0
1/8
1
0
1
1/7
1
1
0
1/6
1
1
1
1/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com