Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7632 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ST7632
Ver 1.7
10/96
2006/08/15
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
503
V0OUT
-4784
-660
539
D1
-824
-660
504
V0OUT
-4674
-660
540
D2
-714
-660
505
V0OUT
-4564
-660
541
D3
-604
-660
506
V0OUT
-4454
-660
542
D4
-494
-660
507
V0OUT
-4344
-660
543
D5
-384
-660
508
V0OUT
-4234
-660
544
D6
-274
-660
509
V1
-4124
-660
545
D7
-164
-660
510
V2
-4014
-660
546
VSS
-54
-660
511
V3
-3904
-660
547
VDD
56
-660
512
V4
-3794
-660
548
D8
166
-660
513
VREF
-3684
-660
549
D9
276
-660
514
VSS
-3574
-660
550
D10
386
-660
515
VSS
-3464
-660
551
D11
496
-660
516
VSS
-3354
-660
552
D12
606
-660
517
VSS
-3244
-660
553
D13
716
-660
518
VSS
-3134
-660
554
D14
826
-660
519
VSS
-3024
-660
555
D15
936
-660
520
VSS1
-2914
-660
556
VSS
1046
-660
521
VSS1
-2804
-660
557
VDD
1156
-660
522
VDD1
-2694
-660
558
E_RD
1266
-660
523
VDD1
-2584
-660
559
RST
1376
-660
524
VDD
-2474
-660
560
VSS
1486
-660
525
VDD
-2364
-660
561
VDD
1596
-660
526
VDD
-2254
-660
562
IF1
1706
-660
527
VDD
-2144
-660
563
IF2
1816
-660
528
VDD
-2034
-660
564
IF3
1926
-660
529
VDD
-1924
-660
565
CSEL
2036
-660
530
CL
-1814
-660
566
VSS
2146
-660
531
CLS
-1704
-660
567
VDD
2256
-660
532
VSS
-1594
-660
568
SI
2366
-660
533
VDD
-1484
-660
569
SCL
2476
-660
534
A0
-1374
-660
570
/CS
2586
-660
535
RW_WR
-1264
-660
571
VDD
2696
-660
536
VSS
-1154
-660
572
VDD
2806
-660
537
VDD
-1044
-660
573
VDD
2916
-660
538
D0
-934
-660
574
VDD
3026
-660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com