Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 8 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 8 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 4Page - ams AG AS5046ASSU Datasheet HTML 5Page - ams AG AS5046ASSU Datasheet HTML 6Page - ams AG AS5046ASSU Datasheet HTML 7Page - ams AG AS5046ASSU Datasheet HTML 8Page - ams AG AS5046ASSU Datasheet HTML 9Page - ams AG AS5046ASSU Datasheet HTML 10Page - ams AG AS5046ASSU Datasheet HTML 11Page - ams AG AS5046ASSU Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 8 of 33
5.7
Programming Conditions
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Programming enable time
t Prog enable
2
µs
Time between rising edge at Prog
pin and rising edge of CSn
Write data start
t Data in
2
µs
Write data valid
t Data in valid
250
ns
Write data at the rising edge of
CLKPROG
Load programming data
t Load PROG
3
µs
Rise time of VPROG before CLK PROG
t PrgR
0
µs
Hold time of VPROG after CLK PROG
t PrgH
0
5
µs
Write data – programming CLK PROG
CLK PROG
250
kHz
CLK pulse width
t PROG
1.8
2
2.2
µs
During programming; 16 clock cycles
Hold
time
of
Vprog
after
programming
t PROG finished
2
µs
Programmed data is available after
next power-on
Programming voltage
V PROG
7.3
7.4
7.5
V
Must be switched off after zapping
Programming voltage off level
V ProgOff
0
1
V
Line must be discharged to this level
Programming current
I PROG
130
mA
During programming
Analog read CLK
CLKAread
100
kHz
Analog readback mode
Programmed zener voltage (log.1)
Vprogrammed
100
mV
Unprogrammed zener voltage (log. 0) Vunprogrammed
1
V
VRef-VPROG during analog readback
mode (see 13)
6 Functional Description
The AS5046 is manufactured in a CMOS standard process and uses a spinning current Hall technology for sensing the
magnetic field distribution across the surface of the chip.
The integrated Hall elements are placed in a circle around the center of the device and deliver a voltage representation of
the magnetic field perpendicular to the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5046 provides
accurate high-resolution absolute angular position information. For this purpose a Coordinate Rotation Digital Computer
(CORDIC) calculates the angle and the magnitude of the Hall array signals.
The DSP is also used indicate movements of the magnet towards or away from the chip and to indicate, when the magnetic
field is outside of the recommended range (status bits = MagInc, MagDec; hardware pin = MagRngn). In addition, two 8-bit
registers are available that allow determination of the magnetic field strength over a wide range.
A small low cost diametrically magnetized (two-pole) standard magnet, centered over the chip, is used as the input device.
The AS5046 senses the orientation of the magnetic field and calculates a 12-bit binary code. This code can be accessed via
a bi-directional serial two-wire interface. In addition to the digital output, the absolute angle is converted into a 1024-step
(10-bit) analog signal, ratiometric to the supply voltage.
The analog output can be configured in many ways, such as 360°/180°/90° or 45° angular range, external or internal DAC
reference voltage, 0-100%*VDD or 10-90% *VDD analog output range, external or internal amplifier gain setting.
The various output modes as well as a user programmable zero position can be programmed in an OTP register. As long as
no programming voltage is applied to pin PROG, the new setting may be overwritten at any time and will be reset to default
when power is cycled. To make the setting permanent, the OTP register must be programmed by applying a programming
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com