Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 5 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 5 Page - ams AG

  AS5046ASSU Datasheet HTML 1Page - ams AG AS5046ASSU Datasheet HTML 2Page - ams AG AS5046ASSU Datasheet HTML 3Page - ams AG AS5046ASSU Datasheet HTML 4Page - ams AG AS5046ASSU Datasheet HTML 5Page - ams AG AS5046ASSU Datasheet HTML 6Page - ams AG AS5046ASSU Datasheet HTML 7Page - ams AG AS5046ASSU Datasheet HTML 8Page - ams AG AS5046ASSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 5 of 33
5.3.5
Digital-to-Analog Converter
Parameter
Symbol
Min
Typ
Max
Unit
Note
OTP setting
Resolution
10
bit
Output Range
VOUTM1
0
Vref
V
0……100% Vref (default)
ClampMdEn = 0 (default)
VOUTM2
0.10 *Vref
0.90 *Vref
V
10…..90% Vref
ClampMdEn = 1
Output resistance
ROut,DAC
8
k
Ω
Unbuffered Pin DACout (#10)
0.2
VDD3V3 - 0.2
V
DAC reference = external:
Pin: DACref (#9)
RefExt EN = 1
DAC reference voltage
(DAC full scale range)
Vref
VDD5V / 2
V
DAC reference = internal
RefExtEn = 0 (default)
Integral Non-Linearity
INLDAC
+/- 1.5
LSB
Differential Non-Linearity
DNLDAC
+/- 0.5
LSB
Non-Linearity of DAC and
OPAMP; -40….+125°C, For all
analog modes:
1LSB = Vref / 1024
1
LSB
All analog modes
Analog output hysteresis
Hyst
2
LSB
At 360°-0° transition,
360° mode only
OR1,OR0 = 00 (default)
5.3.6
OPAMP Output Stage
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Range
VDD5V
3.0
5.5
V
Parallel Load Capacitance
CL
100
pF
Parallel Load Resistance
RL
4.7
k
Ω
3.3V operation
Open Loop Gain
A0
92
130
144
dB
Offset Voltage RTI
VosOP
-5
5
mV
3 sigma
Output Range Low
VoutL
0.05 * VDD5V V
Output Range High
VoutH
0.95 * VDD5V
V
Linear range of analog output
current capability sink
Isink
4.8
50
mA
Permanent short circuit current:
Vout to VDD5V
current capability source
Isource
4.6
66
mA
Permanent short circuit current:
Vout to VSS
Output noise
Vnoise
160
220
490
µVrms
Over full temperature range;
BW= 1Hz…10MHz,Gain = 2x
2
Internal; OTP: FB_int EN = 1
OPAMP gain (non-inverting)
Gain
1
4
External OTP: FB_int EN = 0
(default)
With external resistors, pins Vout
[#12] and FB [#11]: see
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com