Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 19 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 19 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 15Page - ams AG AS5046ASSU Datasheet HTML 16Page - ams AG AS5046ASSU Datasheet HTML 17Page - ams AG AS5046ASSU Datasheet HTML 18Page - ams AG AS5046ASSU Datasheet HTML 19Page - ams AG AS5046ASSU Datasheet HTML 20Page - ams AG AS5046ASSU Datasheet HTML 21Page - ams AG AS5046ASSU Datasheet HTML 22Page - ams AG AS5046ASSU Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 19 of 33
It is possible to enable the analog output permanently (it will not be switched off even if the magnetic field is out of range).
To enable this feature an OTP bit in the factory setting must be set. The corresponding bit is FS6. See application note
AS5040-20 (Extended features of OTP programming) for further details. The application note is available for download at the
austriamicrosystems website.
The analog and digital outputs will have the following conditions:
Status
DAC Output Voltage
Serial Digital Output
normal operation
10% - 90% Vref 1)
#0 - #1023 (0°-360°),
MagRngn = 1
magnetic field out of range
< 10% Vref 1),
DAC output is switched to
0V
(this feature may be disabled
in OTP; see text)
#0 - #1023 (0°-360°)
out of range is signaled in status
bits:
MagInc=MagDec=LIN=1,
MagRngn= 0
broken positive power supply
(VOUT pull down resistor at receiving side)
< 10% VDD 2)
broken power supply ground
(VOUT pull down resistor at receiving side)
< 10% VDD 2)
broken positive power supply
(VOUT pull up resistor at receiving side)
> 90% VDD 2)
broken power supply ground
(VOUT pull up resistor at receiving side)
> 90% VDD 2)
The serial data bits read by the
serial interface will be either all
“0”-s or all “1”-s, indicating a non-
valid output
Notes:
1)
Vref = internal: ½ * VDD5V (pin #16) or external: VDACref (pin#9), depending on Ref_extEN bit in OTP (0=int., 1=ext.)
2)
VDD = positive supply voltage at receiving side (3.0 – 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com