Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 18 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 18 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 14Page - ams AG AS5046ASSU Datasheet HTML 15Page - ams AG AS5046ASSU Datasheet HTML 16Page - ams AG AS5046ASSU Datasheet HTML 17Page - ams AG AS5046ASSU Datasheet HTML 18Page - ams AG AS5046ASSU Datasheet HTML 19Page - ams AG AS5046ASSU Datasheet HTML 20Page - ams AG AS5046ASSU Datasheet HTML 21Page - ams AG AS5046ASSU Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 18 of 33
Vref
0°
90°
180°
270°
360°
0%
analog
output
voltage
angle
100%
90%
10%
normal
operating
area
In an error case, the output
voltage is in the grey area
An on-chip diagnostic feature turns the analog output off in case of an error (broken supply or magnetic field out of range;
see Table 7).The DAC output can be accessed directly at pin #10 DACout.
The addition of an OPAMP to the DAC output allows a variety of user configurable options, such as variable output voltage
ranges and variable output voltage versus angle response. By adding an external transistor, the analog voltage output can
be buffered to allow output currents up to hundred milliamperes or more.
Furthermore, the OPAMP can be configured as constant current source.
As an OTP option, the DAC can be configured to 2 different output ranges:
a) 0……100% VDACref. The reference point may be either taken from VDD5V/2 or from the external DACref input. The
0…100% range allows easy replacement of potentiometers. Due to the nature of rail-to-rail outputs, the linearity will degrade
at output voltages that are close to the supply rails.
b) 10…..90% VDACref. This range allows better linearity, as the OPAMP is not driven to the rails. Furthermore, this mode
allows failure detection, when the analog output voltage is outside of the normal operating range of 10…90%VDD, as in the
case of broken supply or when the magnetic field is out of range and the analog output is turned off.
11.1 Analog Output Voltage Modes
The Analog output voltage modes are programmable by OTP. Depending on the application, the analog output can be
selected as rail-to-rail output or as clamped output with 10%-90% VDD5V.
The output is ratiometric to the supply voltage (VDD5V), which can range from 3.0V to 5.5V. If the DAC reference is
switched to an external reference (pin DACref), the output is ratiometric to the external reference.
11.1.1 Full Scale Mode
This output mode provides a ratiometric DAC output of (0% to 100%)x Vref *), amplified by the OPAMP stage (default =
internal 2x gain, see Figure 17)
Note: For simplification, Figure 11
describes a linear output voltage from
rail to rail (0V to VDD). In practice, this
is not feasible due to saturation effects
of the OPAMP output driver transistors.
The actual curve will be rounded
towards the supply rails (as indicated in
Figure 11).
Figure 11: Analog output, full scale mode (shown for 360°mode)
Note: Figure 11 and are shown for 360° operation. See Table 9 (page 24) for further angular range programming options.
11.1.2 Diagnostic Output Mode
In Diagnostic Output Mode (see Figure
12) the analog output of the internal
DAC ranges from 10% - 90% Vref*). In an
error case, either when the supply is
interrupted or when the magnetic field is
in the “red” range, (see Table 7) the
output is switched to 0V and thus
indicates the error condition.
Figure 12: Diagnostic Output Mode
Vref
0°
90°
180°
270°
360°
0V
analog
output
voltage
angle
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com