Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 22 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 22 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 18Page - ams AG AS5046ASSU Datasheet HTML 19Page - ams AG AS5046ASSU Datasheet HTML 20Page - ams AG AS5046ASSU Datasheet HTML 21Page - ams AG AS5046ASSU Datasheet HTML 22Page - ams AG AS5046ASSU Datasheet HTML 23Page - ams AG AS5046ASSU Datasheet HTML 24Page - ams AG AS5046ASSU Datasheet HTML 25Page - ams AG AS5046ASSU Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 22 of 33
Figure 16: Zero position programming (shown for 360° mode)
12.2 Analog Mode Programming
The analog output can be configured in many ways:
It consists of three major building blocks,
a digital range preselector,
a 10-bit Digital-to-Analog-Converter (DAC)
and an OP-AMP buffer stage.
In the default configuration (all OTP bits = 0), the analog output is set for 360° operation, internal DAC reference
(VDD5V/2), external OPAMP gain, 0-100% ratiometric to VDD5V.
Shown below is a typical example for a 0°-360° range, 0-5V output. The complete application requires only one external
component, a buffer capacitor at VDD3V3 and has only 3 connections VDD, VSS and Vout (connectors 1-3).
Note: the default setting for the OPAMP feedback path is:FB_intEn=0=external. The external resistors Rf and Rg must be
installed. In the programmed state (FB_intEn=1=internal), these resistors do not need to be installed as the feedback path is
internal (Rf_int and Rg_int).
VDD5V
0°
90°
180°
270°
360°
analog
output
voltage
mechanical
angle
5V
2V
the output can be electrically rotated to
match
a given output voltage to any
mechanical position
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com