Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 9 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 9 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 5Page - ams AG AS5046ASSU Datasheet HTML 6Page - ams AG AS5046ASSU Datasheet HTML 7Page - ams AG AS5046ASSU Datasheet HTML 8Page - ams AG AS5046ASSU Datasheet HTML 9Page - ams AG AS5046ASSU Datasheet HTML 10Page - ams AG AS5046ASSU Datasheet HTML 11Page - ams AG AS5046ASSU Datasheet HTML 12Page - ams AG AS5046ASSU Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 9 of 33
The AS5046 is tolerant to magnet misalignment and unwanted external magnetic fields due to differential measurement
technique and Hall sensor conditioning circuitry.
It is also tolerant to airgap and temperature variations due to Sin-/Cos- signal evaluation.
7 3.3V / 5V Operation
Figure 5: Connections for 5V / 3.3V supply voltages
The AS5046 operates either at 3.3V ±10% or at 5V
±10%. This is made possible by an internal 3.3V Low-
Dropout (LDO) Voltage regulator. The core supply
voltage is always taken from the LDO output, as the
internal blocks are always operating at 3.3V.For 3.3V
operation, the LDO must be bypassed by connecting
VDD3V3 with VDD5V (see Figure 5 ).
For 5V operation, the 5V supply is connected to pin
VDD5V, while VDD3V3 (LDO output) must be buffered by
a 2.2...10µF capacitor, which should be placed close to
the supply pin (see Figure 5).
The VDD3V3 output is intended for internal use only It
should not be loaded with an external load.
The voltage levels of the digital interface I/O’s
correspond to the voltage at pin VDD5V, as the I/O
buffers are supplied from this pin (see Figure 5).
A buffer capacitor of 100nF is recommended in both
cases close to pin VDD5V. Note that pin VDD3V3 must
always be buffered by a capacitor. It must not be left
floating, as this may cause an instable internal 3.3V
supply voltage which may lead to larger than normal jitter
of the measured angle.
LDO
I
N
T
E
R
F
A
C
E
2µ2...10µF
100n
4.5 - 5.5V
DO
Prog
CLK
MODE
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
CSn
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
DO
Prog
CLK
MODE
CSn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com