Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5046ASSU Datasheet(PDF) 14 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 14 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 10Page - ams AG AS5046ASSU Datasheet HTML 11Page - ams AG AS5046ASSU Datasheet HTML 12Page - ams AG AS5046ASSU Datasheet HTML 13Page - ams AG AS5046ASSU Datasheet HTML 14Page - ams AG AS5046ASSU Datasheet HTML 15Page - ams AG AS5046ASSU Datasheet HTML 16Page - ams AG AS5046ASSU Datasheet HTML 17Page - ams AG AS5046ASSU Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 14 of 33
9.4
Analog-Digital Converter Outputs, SIN/COS Signal Bus (Type ID: 0100)
Type ID:
0100
Byte 1
Byte 2
Byte 3
Addr. 000
12-bit ADC output: COS signal bus
Upper 8 bits
12-bit ADC output: SIN signal bus
Upper 8 bits
COS signal bus
Lower 4 bits
SIN signal bus
Lower 4 bits
11
10
9
8
7
6
5
4
11
10
9
8
7
6
5
4
3
2
1
0
3
2
1
0
The analog signals on the SIN- and COS- buses are converted into a signed 12-bit digital value by two ADC’s, one for each
bus.
To read the signal from one or more Hall Sensors, first assign a signal bus (SIN, COS) for each Hall Sensor in the Hall
Sensor front-end and then read the corresponding amplitude value from the ADC output register.
Note that the ADC’s are 14-bit (see Block diagram, Figure 2), but only 12-bit are available to the user. The available
12-bit ADC output is again split into an upper 8-bit block (available in bytes 1 & 2) and a lower 4-bit block in byte 3.
The resulting 12-bit value is formatted as a signed 12-bit value and has a range from -2048…+2047 (decimal). Bit 11
(MSB) is the sign bit; if this bit is set, the Sin/Cos value is negative.
9.5
Automatic Gain Control Register (Type ID: 0111)
The Automatic Gain Control is active in the “green” range of the magnetic field, when the magnetic field is within
~35…63mT. If the magnetic field is too low, e.g. when the magnet is too far away from the chip, the AGC register will be
FFH, if the magnetic field is too strong, e.g. when the magnet is too close to the chip, the AGC register will be 00H. The
Automatic Gain control can be disabled by writing a value into this register. It will be enabled by reading from this register.
The AGC tries to maintain a constant magnitude value of 3FH. If the AGC has reached its upper or lower limit, the magnitude
value can no longer be maintained ad 3FH and will also change accordingly (see 9.1.3 and 9.6).
Type ID: 0111
Byte 1
Addr. 000
AGC7
AGC6
AGC5
AGC5
AGC3
AGC2
AGC1
AGC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com