Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 47 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 47 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 51Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
47
DM9013-15-DS-P03
April 9, 2009
8.6 Auto-negotiation Link Partner Ability Register (ANLPAR) – 05H
This register contains the advertised abilities of the link partner when received during Auto-negotiation.
Bit
Bit Name
Default
Description
15
NP
0, RO
Next Page Indication
0 = Link partner, no next page available
1 = Link partner, next page available
14
ACK
0, RO
Acknowledge
0 = Not acknowledged
1 = Link partner ability data reception acknowledged
The DM9013's auto-negotiation state machine will automatically
control this bit from the incoming FLP bursts. Software should not
attempt to write to this bit
13
RF
0, RO
Remote Fault
0 = No remote fault indicated by link partner
1 = Remote fault indicated by link partner
12-11
Reserved
0, RO
Reserved
Read as 0, ignore on write
10
FCS
0, RO
Flow Control Support
0 = Controller chip doesn’t support flow control ability by link
partner
1 = Controller chip supports flow control ability by link partner
9
T4
0, RO
100BASE-T4 Support
0 = 100BASE-T4 is not supported by the link partner
1 = 100BASE-T4 is supported by the link partner
8
TX_FDX
0, RO
100BASE-TX Full Duplex Support
0 = 100BASE-TX full duplex is not supported by the link partner
1 = 100BASE-TX full duplex is supported by the link partner
7
TX_HDX
0, RO
100BASE-TX Support
0 = 100BASE-TX half duplex is not supported by the link partner
1 = 100BASE-TX half duplex is supported by the link partner
6
10_FDX
0, RO
10BASE-T Full Duplex Support
0 = 10BASE-T full duplex is not supported by the link partner
1 = 10BASE-T full duplex is supported by the link partner
5
10_HDX
0, RO
10BASE-T Support
0 = 10BASE-T half duplex is not supported by the link partner
1 = 10BASE-T half duplex is supported by the link partner
4-0
Selector
<00000>, RO Protocol Selection Bits
Link partner’s binary encoded protocol selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com