Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 24 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 24 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
DM9013
3-port switch with Processor Interface
24
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
6.17 RX Additional Status Register ( 26H )
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
1:0
RPTRS
PH,RO
uP received pointer status, only available when RX pointer restriction is enabled
( Reg27h.7=0).
00: Within buffer
01: End of buffer
1x: Exceed buffer
6.18 RX Additional Control Register ( 27H )
Bit
Name
Default
Description
7
RPRD
PHS0,RW
RX pointer restriction disable
6:0
RESERVED
0,RO
Reserved
6.19 Vendor ID Register (28H~29H)
Bit
Name
Default
Description
7:0
VIDH
PE,0AH,RO
Vendor ID High Byte (29H)
7:0
VIDL
PE,46H.RO
Vendor ID Low Byte (28H)
6.20 Product ID Register (2AH~2BH)
Bit
Name
Default
Description
7:0
PIDH
PE,90H,RO
Product ID High Byte (2BH)
7:0
PIDL
PE,13H.RO
Product ID Low Byte (2AH)
6.21 Chip Revision Register (2CH)
Bit
Name
Default
Description
7:0
CHIPR
P01H,RO
CHIP Revision
6.22 Transmit Control Register 2 (2DH)
Bit
Name
Default
Description
7
RESERVED
0,RW
Reserved, Clear to 0 in application.
6:5
RESERVED
0,RO
Reserved
4
ONEPM
P0,RW
One Packet Mode
When set, only one packet transmit command can be issued before transmit
completed.
When cleared, at most two packet transmit command can be issued before
transmit completed.
3:0
RESERVED
0,RO
Reserved
6.23 Transmit Check Sum Control Register (31H)
Bit
Name
Default
Description
7~3
RESERVED
0,RO
Reserved
2
UDPCSE
HP0,RW
UDP Checksum Generation Enable
1
TCPCSE
HP0,RW
TCP Checksum Generation Enable
0
IPCSE
HP0,RW
IP Checksum Generation Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com