Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 53 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 53 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 57Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
53
DM9013-15-DS-P03
April 9, 2009
8.13 DAVICOM Specified Receive Error Counter Register (RECR) – 16H
Bit
Bit Name
Default
Description
15-0
Rcv_ Err_ Cnt
0, RO
Receive Error Counter
Receive error counter that increments upon detection of RXER.
Clean by read this register.
8.14 DAVICOM Specified Disconnect Counter Register (DISCR) – 17H
Bit
Bit Name
Default
Description
15-8
Reserved
0, RO
Reserved
7-0
Disconnect
Counter
0, RO
Disconnect Counter that increment upon detection of
disconnection. Clean by read this register.
8.15 Power Saving Control Register (PSCR) – 1DH
Bit
Bit Name
Default
Description
15-12
RESERVED
0,RO
RESERVED
11
PREAMBLEX
0,RW
Preamble Saving Control
when both bit 10and 11 of register 20 are set, the 10M TX
preamble count is reduced.
1: 12-bit preamble bit is reduced.
0: 22-bit preamble bits is reduced.
10
AMPLITUDE
0,RW
10M TX Amplitude Control Disabled
1: when cable is unconnected with link partner, the TX amplitude is
reduced for power saving.
0: disable TX amplitude reduce function
9
TX_PWR
0.RW
TX Power Saving Control Disabled
1: when cable is unconnected with link partner, the driving current
of transmit is reduced for power saving.
0: disable TX driving power saving function
8-0
RESERVED
0,RO
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com