Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
25
DM9013-15-DS-P03
April 9, 2009
6.24 Receive Check Sum Control Status Register (32H)
Bit
Name
Default
Description
7
UDPS
HP0,RO
UDP Checksum Status
1: if UDP packet checksum fail
6
TCPS
HP0,RO
TCP Checksum Status
1: if TCP packet checksum fail
5
IPS
HP0,RO
IP Checksum Status
1: if IP packet checksum fail
4
UDPP
HP0,RO
This is a UDP Packet
3
TCPP
HP0,RO
This is a TCP Packet
2
IPP
HP0,RO
This is a IP Packet
1
RCSEN
HPS0,RW Receive Checksum Checking Enable
When set, the checksum status will store in packet first byte of status header.
0
DCSE
HPS0,RW Discard Checksum Error Packet
When set, if IP/TCP/UDP checksum field is error, this packet will be discarded.
6.25 General Purpose Control Register 2 (34H)
Bit
Name
Default
Description
7~0
GPC2
HP0,RW
General Purpose Control 2
Define the input/output direction of pins SD23~16, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.26 General Purpose Register 2 (35H)
Bit
Name
Default
Description
7~0
GPD2
HP0,RW
General Purpose Register 2 Data
When the correspondent bit of General Purpose Control Register 2 is set, the value
of the bit is reflected to pin SD23~16
When the correspondent bit of General Purpose Control Register 2 is 0, the value
of the bit to be read is reflected from correspondent pins SD23~16
6.27 General Purpose Control Register 3 (36H)
Bit
Name
Default
Description
7~0
GPC3
HP0,RW
General Purpose Control 3
Define the input/output direction of pins SD31~24, which are used as general
purpose pins when none 32-bit mode and external MII mode, respectively.
6.28 General Purpose Register 3 (37H)
Bit
Name
Default
Description
7~0
GPD3
HP0,RW
General Purpose Register 3 Data
When the correspondent bit of General Purpose Control Register 3 is set, the value
of the bit is reflected to pin SD31~24
When the correspondent bit of General Purpose Control Register 3 is 0, the value
of the bit to be read is reflected from correspondent pins SD31~24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com