Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 71 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 71 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 75Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
71
DM9013-15-DS-P03
April 9, 2009
11. Application circuit
DM9013E_EVB_BOARD
2.1
MAIN_CHIP
B
13
Tuesday , December 19, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
DVDD_18V
AVDD_18V
DVDD_33V
DVDD_33V
DVDD_33V
DVDD_33V
AVDD_33V
AVDD_18V
DVDD_33V
AVDD_33V
DVDD_33V
DVDD_33V
DVDD_18V
DVDD_33V
AVDD_18V
AVDD_33V
DVDD_18V DVDD_33V
VCNTL
VREF
IOWAIT
IO16
GP5
GP6
TXD2_3
TXD2_2
MDC
TXE2
CS#
IOW#
IOR#
IRQ
IO16
IOWAIT
RXD2_3
RXD2_[0..3]
RXD2_0
RXD2_1
RXD2_2
TXD2_2
TXD2_[0..3]
TXD2_1
TXD2_0
TXD2_3
RXDV2
RXC2
CRS2
COL2
RXER2
TXE2
TXC2
MDIO
MDC
CMD
PWRST#
WOL
TX0+
TX0-
RX0+
RX0-
TX1+
RX1+
RX1-
SD28
SD25
SD18
SD16
SD13
SD27
SD19
SD22
SD2
SD1
SD17
SD3
SD15
SD4
SD24
SD[00..31]
SD29
SD20
SD11
SD5
SD7
TX1-
SD31
SD10
SD14
SD30
SD23
SD21
SD6
SD9
SD26
SD0
SD12
SD8
LNK0_LED
SPD0_LED
FDX0_LED
LNK1_LED
SPD1_LED
FDX1_LED
BWLED3
BWLED2
BWLED0
BWLED4
BWLED7
BWLED6
BWLED[0..7]
BWLED5
BWLED1
GP0
GP1
GP2
GP3
GP4
GP5
GP6
EEDI
EECS
EECK
EEDO
PWRST#
TXD2_0
SCLK
EECS
EEDO
EECK
TEST2
SD27
FDX0_LED
SPD1_LED
BWLED1
SD20
GP0
BWLED0
SD30
TXD2_1
BWLED6
VREF
EECK
SD26
BWLED5
SD22
SD28
WOL
GP5
FDX1_LED
PWRST#
SD23
SCLK
GP3
MDC
SPD0_LED
LNK0_LED
GP4
MDIO
GP2
SD21
EEDO
VCNTL
SD25
TXD2_3
BWLED2
GP1
SD24
BWLED7
EEDI
BWLED3
BWLED4
TXD2_0
TXD2_2
SD31
GP6
EECS
LNK1_LED
SD29
MDIO
TXD2_1
TXE2
TXC2
X2
X1
GP4
GP3
GP2
J6
JUMPER
1
2
C7
0.1uF
C27
0.1uF
J12
HEADER_3
1
2
3
C11
220uF
C15
0.1uF
C22
0.1uF
L2
F.B/120/SO805
R3
4.7k
R9
NC(4.7K)
R11
4.7k
C8
0.1uF
R5
4.7k
L1
F.B/120/SO805
C12
0.1uF
C13
0.1uF
U3
126
127
128
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
97
98
100
101
102
103
104
105
106
107
108
109
110
116
111
112
113
114
115
117
118
119
120
121
122
123
124
125
99
BWLED5
BWLED6
BWLED7
(GP2_4) SD20
(GP2_5) SD21
GND
(GP2_6) SD22
(GP2_7) SD23
(GP3_0) SD24
(GP3_1) SD25
DVDD33
(GP3_2) SD26
(GP3_3) SD27
(GP3_4) SD28
(GP3_5) SD29
GND
(GP3_6) SD30
(GP3_7) SD31
DVDD33
EEDI
EEDO
EECK
EECS
PWRST#
GND
MDC
MDIO
DVDD18
TXD2_3
TXD2_2
TXD2_1
TXD2_0
VCC3
TXE2
TXC2
VCNTL
VREF
DVDD33
X1
X2
GND
LNK1_LED
SPD1_LED
FDX1_LED
LNK0_LED
SPD0_LED
FDX0_LED
WOL
SCLK
GP6
GP5
GP4
GP3
GP2
GP1
GP0
BWLED0
DVDD18
BWLED1
BWLED2
BWLED3
BWLED4
GND
AVDD33
J3
JUMPER
1
2
R2
1.4K/1%
C9
0.1uF
C14
0.1uF
U10
RESET_IC_(AP1701DW)
C17
0.1uF
C1
220uF
C10
0.1uF
J7
JUMPER
1
2
C30
22pF
D1
1N4148
J4
JUMPER
1
2
R?
4.7k
R7
NC(4.7K)
C4
0.1uF
R12
10K
Q1
2SB1386
B
E
C
C29
22pF
C32
10uF
R?
4.7k
Y1
25MHz/49US
C20
0.1uF
C23
0.1uF
R34
NC(4.7K)
J8
JUMPER
1
2
J9
JUMPER
1
2
R?
4.7k
R35
4.7k
R33
4.7k
J5
JUMPER
1
2
U4
93LC46
1
2
3
4
5
6
7
8
CS
SK
DI
DO GND
ORG
DC
VCC
C5
0.1uF
J15
TEST_POINT
1
J14
HEADER_7
1
2
3
4
5
6
7
R36
4.7k
C31
0.1uF
C21
220uF
R8
NC(4.7K)
C19
0.1uF
J13
HEADER_3
1
2
3
C6
0.1uF
R10
4.7k
J16
JUMPER
1
2
C25
0.1uF
C2
0.1uF
R6
4.7k
L3
F.B/120/SO805
C16
220uF
J17
JUMPER
1
2
SD[00..31]
CS#
IOW#
IOR#
IRQ
IO16
IOWAIT
RXD2_[0..3]
RXDV2
RXC2
CRS2
COL2
RXER2
TXD2_[0..3]
TXE2
TXC2
MDC
MDIO
CMD
PWRST#
WOL
TX0+
TX0-
RX0+
RX0-
TX1+
TX1-
RX1+
RX1-
LNK0_LED
SPD0_LED
FDX0_LED
LNK1_LED
SPD1_LED
FDX1_LED
BWLED[0..7]
uP Interface
MII Interface
TP / LED Interface
EEPROM
DM9013E
for uP
Interface
Davicom Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com