Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9013 Datasheet(PDF) 29 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 29 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 33Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
29
DM9013-15-DS-P03
April 9, 2009
4
FLOW_DIS
PE0,RW
Flow control in full duplex mode, or back pressure in half duplex mode
enable
0 – enable
1 – disable
3
BANDWIDTH
PE0,RW
Bandwidth Control
0: Control with Ingress and Egress separately, ref to Register 66h.
1: Control with Ingress or Egress, ref to Register 67h
2
BP_DIS
PE0,RW
Broadcast packet filter
0 – accept broadcast packets
1 – reject broadcast packets
1
MP_DIS
PE0,RW
Multicast packet filter
0 – accept multicast packets
1 – reject multicast packets
0
MP_STORM
PE0,RW
Broadcast Storm Control
0 – only broadcast packet
1 – also multicast packet
6.43 Per Port Status Data Register (62H)
Bit
Name
Default
Description
7:6
RESERVED
P0,RO
Reserved
5
LP_FCS
P0,RO
Link Partner Flow Control Enable Status
4
BIST
P0,RO
BIST status
0: SRAM BIST pass
1: SRAM BIST fail
3
RESERVED
0,RO
Reserved
2
SPEED2
P0,RO
0: 10Mbps, 1:100Mbps
1
FDX2
P0,RO
0: half-duplex, 1: full-duplex
0
LINK2
P0,RO
0: not Link status, 1: Link status
6.44 Per Port Forward Control Register (65H)
Bit
Name
Default
Description
7
LOOPBACK
PH0,RW
Loop-back mode
6
MONI_TX
PH0,RW
TX Packet Monitored
5
MONI_RX
PH0,RW
RX Packet Monitored
4
DIS_BMP
PH0,RW
Broad/Multicast packet do not monitored
3
Reserved
PH0,RW
Reserved
2
TX_DIS
PH0,RW
Packet Transmit disabled
1
RX_DIS
PH0,RW
Packet receive disabled
0
ADR_DIS
PH0,RW
Address learning disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com