Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102DEP Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
42
Final
Version: DM9102D-DS-F01
May 10, 2006
31
0
OWN
Status
Control bits
Buffer Address
Next Descriptor Address
RDES
0
RDES
1
RDES
2
RDES
3
Buffer Length
OWN
Receive Descriptor Format
RDES0:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
OWN
Frame Length ( FL )
AUN
Bit 31: OWN, Owner bit of received status
1=owned by DM9102, 0=owned by host
This bit will be reset after packet reception is completed. The
host will set this bit after received data is removed.
Bit 30: AUN, Received address unmatched.
Bit 29-16: FL, Frame Length
Frame length indicates total byte count of received packet.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ES
RF
CE
MF
DUE
LBOM
BD
ED
TLF
LCS
FT
RWT PLE
AE
FOE
EFL
This word-wide content includes status of received frame.
They are loaded after the received buffer that belongs to the
corresponding descriptor is full. All status bits are valid only
when the last descriptor (End Descriptor) bit is set.
Bit 15: ES, Error Summary
It is set for the following error conditions:
Descriptor Unavailable Error (DUE =1), Runt Frame
(RF=1), Excessive Frame Length (EFL=1), Late Collision
Seen (LCS=1), CRC error (CE=1), FIFO Overflow error
(FOE=1). Valid only when ED is set.
Bit 14: DUE, Descriptor Unavailable Error
It is set when the frame is truncated due to the buffer
unavailable. It is valid only when ED is set.
Bit 13,12: LBOM, Loopback Operation Mode or
IP/TCP/UDP checksum status
If CR15 bit 27 is set, these two bits present the IP/TCP/UDP
status:
0X -- IP checksum OK
1X --IP checksum FAIL
X0 – TCP or UDP checksum OK
X1 – TCP or UDP checksum FAIL
; otherwise
these two bits show the received frame is derived from:
00 --- Normal
01 --- Internal loopback
10 --- Internal PHY digital loopback
11 --- Internal PHY analog loopback
Bit 11: RF, Runt Frame
It is set to indicate the received frame has the size smaller
than 64 bytes. It is valid only when ED is set and FOE is
reset.
Bit 10: MF, Multicast Frame
It is set to indicate the received frame has a multicast
address. It is valid only when ED is set.
Bit 9: BD, Begin Descriptor
This bit is set for the descriptor indicating the start of a
received frame.
Bit 8: ED, End Descriptor
This bit is set for descriptor to indicate the end of a received
frame.
Bit 7: EFL, Excessive Frame Length
It is set to indicate the received frame length exceeds 1518
bytes. Valid only when ED is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com