Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102DEP Datasheet(PDF) 62 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 62 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
62
Final
Version: DM9102D-DS-F01
May 10, 2006
9. Application Notes
9.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9102D RX± and TX± pins. Traces routed from
RX± and TX± to the transformer should run in close pairs
directly to the transformer. The designer should be careful
not to cross the transmit and receive pairs. As always, vias
should be avoided as much as possible. The network
interface should be void of any signals other than the TX±
and RX± pairs between the RJ-45 to the transformer and
the transformer to the DM9102D. There should be no power
or ground planes in the area under the network side of the
transformer to include the area under the RJ-45 connector
(Refer to Figure 9-4-1 and 9-5). Keep chassis ground away
from all active signals. The RJ-45 connector and any
unused pins should be tied to chassis ground through a
resistor divider network and a 2KV bypass capacitor.
The Band Gap resistor should be placed as physically close
to pin 101 and 102 as possible (refer to Figure 9-1 and 9-2 ).
The designer should not run any high-speed signal near the
Band Gap resistor placement.
9.2 10Base-T/100Base-TX Application
Figure 9-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com