Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102DEP Datasheet(PDF) 57 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 57 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 61Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Final
57
Version: DM9102D-DS-F01
May 10, 2006
8. DC and AC Electrical Characteristics
8.1 Absolute Maximum Ratings ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD, AVDD
Supply Voltage
-0.3
3.6
V
DVDD25,AVDD25 Supply Voltage
-0.3
2.7
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage (VOUT)
-0.3
3.6
V
Tc
Case Temperature Range
0
85
°C
Tstg
Storage Temperature Rang (Tstg)
-65
150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
235
°C
DM9102DE
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
260
°C
DM9102DEP
8.2 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD,AVDD
Supply Voltage
3.135
3.465
V
DVDD25,AVDD25 Supply Voltage
2.375
2.625
V
Tc
Case Temperature
0
85
°C
@Ta=0 ~ 70℃
Ta
Ambient Temperature
0
70
°C
100BASE-TX
---
93
mA
2.5V
100BASE-TX IDLE
---
91
mA
2.5V
10BASE-T TX
---
99
mA
2.5V
10BASE-T IDLE
---
40
mA
2.5V
Auto-negotiation
---
51
mA
2.5V
Power Reduced Mode (without cable)
---
29
mA
2.5V
PD
(Power
Dissipation)
Power-Down Mode
---
12
mA
2.5V
Comments
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com