Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2113 Datasheet HTML 1Page - Microsemi Corporation NX2113 Datasheet HTML 2Page - Microsemi Corporation NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NX2113/2113A
3
Rev. 2.0
11/18/05
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Oscillator (Rt)
Frequency
FS
2113
300
kHz
2113A
600
kHz
Ramp-Amplitude Voltage
VRAMP
2.1
V
Max Duty Cycle
93
%
Min Duty Cycle
0
%
Error Amplifiers
Transconductance
2100
umho
Input Bias Current
Ib
10
nA
FB Under Voltage Protection
FB Under voltage threshold
0.4
V
EN
Enable Threshold Voltage
Enable ramp up
1.25
V
Enable Hysterises
0.2
V
High Side Driver(CL=3300pF)
Rise Time
THdrv(Rise)
VBST-VSW=4.5V
50
ns
Fall Time
THdrv(Fall)
VBST-VSW=4.5V
50
ns
Low Side Driver (CL=3300pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
1.1
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
0.5
ohm
Rise Time
TLdrv(Rise)
10% to 90%
50
ns
Fall Time
TLdrv(Fall)
90% to 10%
50
ns
Output Impedance , Sinking
Current
Rsink(Hdrv)
I=200mA
Tdead(L to
H)
Deadband Time
Ldrv going Low to Hdrv
going High, 10%-10%
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv
going High, 10% to 10%
30
ns
30
ns
ohm
0.8
1.1
ohm
Output Impedance , Sourcing
Current
Rsource(Hdrv)
I=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com