Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation NX2113 Datasheet HTML 10Page - Microsemi Corporation NX2113 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NX2113/2113A
7
Rev. 2.0
11/18/05
Bill of Materials
Item
Quantity
Reference
Part
Manufacture
1
6
C1,R3,C8,R10,C23,D2
OPEN
2
2
C2,C20
.1uF
3
1
C7
16SP270M
SANYO
4
3
C9,C14,C24
1uF
5
1
C11
47pF
6
2
C12,C13
47uF
7
1
C15
2.7nF
8
3
R6,C16,C17
OPEN
9
3
C18,C21,C22
220uF 2R5TPE220MC
SANYO
10
1
C19
2.2nF
11
1
C25
1uF
12
2
D1
D1N5819
13
3
JP2,JP3,JP5
CON2
14
2
J1
SCOPE TP
Tektronics
15
1
L1
DO5010P-781HC
Coilcraft
16
1
L2
DO1608C-102
Coilcraft
17
2
Q1,Q2
IRFR3706
International Rectifier
18
1
Q3
2N3904
19
2
R1,R2
0
20
1
R4
10
21
1
R5
11k
22
2
R8,R9,R13,R14
10k
23
1
R7
1.2k
24
1
R11
12.4k
25
1
R12
68k
26
1
R15
2k
27
1
U1
NX2113
NEXSEM INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com