Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation NX2113 Datasheet HTML 10Page - Microsemi Corporation NX2113 Datasheet HTML 11Page - Microsemi Corporation NX2113 Datasheet HTML 12Page - Microsemi Corporation NX2113 Datasheet HTML 13Page - Microsemi Corporation NX2113 Datasheet HTML 14Page - Microsemi Corporation NX2113 Datasheet HTML 15Page - Microsemi Corporation NX2113 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NX2113/2113A
12
Rev. 2.0
11/18/05
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
Figure 10 - Bode plot of Type III compensator
Design example for type III compensator are in
order. Use the same power stage requirement as demo
board. The crossover frequency has to be selected as
F
LC<FO<FESR, and FO<=1/10~1/5Fs.
1.Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
0.78uH 660uF
7kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
4m
660uF
60kHz
=
×π ××
=
×π ×
Ω×
=
2.Set R
2 equal to10kΩ, then R1= 10kΩ.
3. Set zero F
Z2 = FLC and Fp1 =FESR .
4. Calculate R
4 and C3 with the crossover frequency
Choose C
2=2.7nF.
6. Calculate C
1 by equation (14) with pole Fp2 at
half the swithing frequency.
1
4
P2
1
C
2
RF
1
2
11k
300kHz
48pF
=
×π ××
=
×π ×
Ω×
=
Choose C
1=47pF.
7. Calculate R
3 by equation (13).
3
P13
1
R
2
FC
1
2
60kHz 2.2nF
1.2k
=
×π ××
=
×π ××
=Ω
Choose R
3=1.2kΩ.
smaller than 1/10~ 1/5 of the switching frequency. Set
F
O=45kHz.
3
2
z2
p1
1
11
C =
(-)
2
R
FF
1
11
=
(
-)
2
10k
7kHz 60kHz
=2nF
×
×π×
×
×π ×Ω
OSCO
4
out
in3
V2
FL
R =C
VC
2V
2
45kHz 0.78uH
=
660uF
12V
2.2nF
=11k
×π ××
××
×π××
××
Ω
Choose C
3=2.2nF, R4=11kΩ.
5. Calculate C
2 with zero Fz1 at 75% of the LC
double pole by equation (11).
2
Z14
1
C
2
FR
1
2
0.75
7kHz
11k
2.75nF
=
×π ××
=
×π ×
×
×Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com