Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 11Page - Microsemi Corporation NX2113 Datasheet HTML 12Page - Microsemi Corporation NX2113 Datasheet HTML 13Page - Microsemi Corporation NX2113 Datasheet HTML 14Page - Microsemi Corporation NX2113 Datasheet HTML 15Page - Microsemi Corporation NX2113 Datasheet HTML 16Page - Microsemi Corporation NX2113 Datasheet HTML 17Page - Microsemi Corporation NX2113 Datasheet HTML 18Page - Microsemi Corporation NX2113 Datasheet HTML 19Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NX2113/2113A
16
Rev. 2.0
11/18/05
operates. Before half of the start up time, the Feedback
Under Voltage Lock Out comparator is disabled. After
half of start up time, the Feedback UVLO comparator is
enabled. The FB UVLO threshold is set to be half of
voltage at the positive input of error amplifier. With this
set up, if the output is short before soft start, the
Feedback UVLO comparator can catch it and turn off
the driver. The short circuit operation waveform during
normal operation and during the soft start are shown as
follows.
CH3-FB voltage
0.5V/DIV
CH1-SW voltage
10V/DIV
CH4-load current
10A/DIV
Figure 15 - Operation waveforms during short con-
dition.
CH2-output voltage
1V/DIV
CH4-load current
10A/DIV
Figure 16 - Feedback UVLO with start up at
short.
The Feedback UVLO can provide certain short cir-
cuit protection. However, since feedback does not have
accurate information of current, this protection only pro-
vides certain level of over current protection. MOSFET
should design such that it can survive with high pulse
current for a short period of time.
The value of the capacitor on enable pin to ground
and the resistor value of voltage divider on enable pin
should be big enough to keep enable pin high during
short. Otherwise, once output shorts, the input bus volt-
age drops, the chip is disabled before Feedback UVLO
takes effect, and the system goes into hiccup status.
This phenomena is easy to be found during system
startup, if related resistor and capacitor value is not big
enough.
CH2-Output voltage
1V/DIV
CH4-load current
10A/DIV
Figure 17 -Hiccup with start up at short.
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components, make all the
connection in the top layer with wide, copper filled ar-
eas. The inductor, output capacitor and the MOSFET
should be close to each other as possible. This helps to
reduce the EMI radiated by the power traces due to the
high switching currents through them. Place input ca-
pacitor directly to the drain of the high-side MOSFET, to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com