Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2113 Datasheet HTML 1Page - Microsemi Corporation NX2113 Datasheet HTML 2Page - Microsemi Corporation NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NX2113/2113A
4
Rev. 2.0
11/18/05
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
This pin supplies voltage to the high side driver. A high frequency
ceramic capacitor of 0.1 to 1 uF must be connected from this pin to SW pin.
High side MOSFET gate driver.
Power and analog ground pin. For MLPD package, analog ground and power ground
are separated, additional pad pin(11) is available for analog ground.
Low side MOSFET gate driver.
Ldrv supply voltage. A 1uF high frequency cap must be connected from this pin to
GND directly.
Voltage supply for the internal circuit as well as the low side MOSFET gate driver. A
1uF high frequency ceramic capacitor must be connected from this pin to GND pin.
Pull up this pin to Vcc for normal operation. Pulling this pin down below 1.25V
shuts down the controller and resets the soft start. This pin can also be used as
a UVLO detector for the bus voltage via a resistor divider.
This pin is the error amplifier inverting input. This pin is also connected to the output
UVLO comparator. When this pin falls below 0.4V, both HDRV and LDRV outputs
are latched off.
This pin is the output of the error amplifier and together with FB pin is used to
compensate the voltage control feedback loop.
This pin is connected to the source of the high side MOSFET and provides return
path for the high side driver.
1
BST
2
HDRV
3
PGND/Gnd
4
LDRV
5
PVcc
6
Vcc
7
EN
8
FB
9
COMP
10
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com