Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 2Page - Microsemi Corporation NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation NX2113 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NX2113/2113A
6
Rev. 2.0
11/18/05
Figure 2 - Demoboard design on NX2113A
Demo Board Schematic
L2
DO 1608C -102
R6
open
Ldrv
C7
R3
OP
C8
OP
BUS1
R9
10k
GND
L1
DO 5010P-781HC
VCC
C 15
2.7n
C 22
C 11
47p
0
R 11
12.4k
R 12
68k
JP2
1
2
R8
10k
C 20
.1u
R1
0
R7
1.2k
BUS
C2
.1u
R 13
10k
R 14
10k
OUT2
C 14
1u
TP1
C 16
open
Q1
IRFR 3706
4
(GND
PAD)
Q2
IRFR 3706
4
Hdrv
R 10
OP
Q3
2 N 3904
D2
D 1 N 5819
R5
11k
J1
1
C 21
OUT1
JP3
1
2
C 24
1u
R2
0
U1
2
4
3
1
10
8
9
H d rv
Ld rv
P GND
BST
SW
Fb
COMP
C 17
open
C 13
47u
C 12
47u
JP5
1
2
D1
D 1 N 5819
C 19
2.2n
R 15
2k
C 18
C 25
1uF
C1
OP
R4
10
C9
1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com