Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2113 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button NX2113 Datasheet HTML 10Page - Microsemi Corporation NX2113 Datasheet HTML 11Page - Microsemi Corporation NX2113 Datasheet HTML 12Page - Microsemi Corporation NX2113 Datasheet HTML 13Page - Microsemi Corporation NX2113 Datasheet HTML 14Page - Microsemi Corporation NX2113 Datasheet HTML 15Page - Microsemi Corporation NX2113 Datasheet HTML 16Page - Microsemi Corporation NX2113 Datasheet HTML 17Page - Microsemi Corporation NX2113 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NX2113/2113A
14
Rev. 2.0
11/18/05
5. Calculate C
1 by setting compensator zero FZ
at 75% of the LC double pole.
1
3z
1
C =
2
RF
1
=
2
10k
0.75
6.5kHz
=10.7nF
×π ××
×π ×
Ω ××
Choose C
1=10nF.
6. Calculate C
2 by setting compensator pole
p
F at
half the swithing frequency.
2
3s
1
C
=
RF
1
=
10 k
300k Hz
=106pF
π ××
π ×
Ω×
Choose C
2=100pF.
Output Voltage Calculation
Output voltage is set by reference voltage and
external voltage divider. The reference voltage is fixed
at 0.8V. The divider consists of two ratioed resistors
so that the output voltage applied at the Fb pin is 0.8V
when the output voltage is at the desired value. The
following equation and picture show the relationship
between
OUT
V
,
REF
V
and voltage divider..
2
REF
1
OUT
REF
RV
R=
V
-V
×
...(18)
whereR2 is part of the compensator, and the
value of R1 value can be set by voltage divider.
Choose R2=10k
Ω, to set the output voltage at
1.6V, the result of R1 is 10k
Ω.
Vout
Vref
Fb
R2
R1
Voltage divider
Figure 13 - Voltage divider load
In general, the minimum output load impedance
including the resistor divider should be less than 5k
Ω to
prevent overcharge the output voltage by leakage cur-
rent (e.g. Error Amplifier feedback pin bias current). A
minimum load for 5k
Ω less (<1/16w for most of applica-
tion) is recommended to put at the output. For example,
in this application,
Vout=1.6V
The power loss is 1/16W less
LOAD
R
1.6V 1.6V /(1/16W)
40
=
×
=Ω
Select minimum load is 1k
Ω should be good
enough.
Input Capacitor Selection
Input capacitors are usually a mix of high frequency
ceramic capacitors and bulk capacitors. Ceramic ca-
pacitors bypass the high frequency noise, and bulk ca-
pacitors supply current to the MOSFETs. Usually 1uF
ceramic capacitor is chosen to decouple the high fre-
quency noise. The bulk input capacitors are decided by
voltage rating and RMS current rating. The RMS current
in the input capacitors can be calculated as:
RMS
OUT
OUT
IN
I
I
D
1-D
V
D
V
=
××
=
...(19)
VIN = 12V, VOUT=1.6V, IOUT=10A, using equation
(19), the result of input RMS current is 3.4A.
For higher efficiency, low ESR capacitors are
recommended. One Sanyo OSCON SP series
16SP270M 16V 270uF with 4.4A is chosen as input
bulk capacitor.
Power MOSFETs Selection
The NX2113 requires two N-Channel power
MOSFETs. The selection of MOSFETs is based on
maximum drain source voltage, gate source voltage,
maximum current rating, MOSFET on resistance and
power dissipation. The main consideration is the power
loss contribution of MOSFETs to the overall converter
efficiency. In this design example, two IRFR3706 are
used. They have the following parameters: V
DS=30V, ID
=75A,R
DSON =9mΩ,QGATE =23nC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com