Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2829 Datasheet HTML 1Page - Micrel Semiconductor MIC2829 Datasheet HTML 2Page - Micrel Semiconductor MIC2829 Datasheet HTML 3Page - Micrel Semiconductor MIC2829 Datasheet HTML 4Page - Micrel Semiconductor MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
5
M9999-051410-B
Pin # A
Pin # B
Pin # G
Pin name
Description
B7
SETDLY
Set delay pin for RESETB output (1sec/µF).
A13
AGND2
Analog ground. Connect all AGND pins together.
B8
ENL6
Enable LNR6. Do not leave floating.
A14
ENL7
Enable LNR7. Do not leave floating.
B9
SUB2
Guard ring ground connection. Connect to AGND1 and AGND2.
A15
ENL8
Enable LNR8. Do not leave floating.
B10
RESETB
Open drain RESETB output (POR function).
A16
PGND1
Power ground of DC1.
B11
FB1
Output sense pin of DC1.
A17
SW1
Switch output of DC1.
B12
ENL910
Enable LNR9 and LNR 10. Do not leave floating.
A18
PVIN1
Power input of DC1.
B13
AGND3
Analog ground. Connect all AGND pins together.
A19
PVIN2
Power input of DC2.
B14
ENDC2
Enable DC2. Do not leave floating.
A20
SW2
Switch output of DC2.
B15
FB2
Output sense pin of DC2.
A21
PGND2
Power ground of DC2.
B16
FB3
Output sense pin of DC3.
A22
AVIN3
Analog supply to chip. All AVIN pins should be tied together.
A23
PGND3
Power ground of DC3.
A24
SW3
Switch output of DC3.
A25
PVIN3
Power input of DC3.
B17
VSC2
Voltage Scaling pin DC2 (High sets 1.2V, Low sets 1.0V). Do not leave floating.
A26
PVIN4
Power input of DC4.
B18
ENLS
Enable level shifter. Do not leave floating.
A27
SW4
Switch output of DC4.
B19
FB4
Output sense pin of DC4.
A28
PGND4
Power ground of DC4.
B20
LSPWR
Power input for level shifter input (1.8V).
A29
DATA
Digital data for SIM card.
B21
CLKIN
Digital input clock for SIM card.
A30
SIMCLK
Level shifted Clock to SIM card.
B22
SIMIO
Level shifted digital input/output to SIM card.
A31
AGND4
Analog ground. Connect all AGND pins together.
A32
SIMRST
Level shifted reset to SIM card.
A33
SIMPWR
Power supply to SIM card
A34
AVIN4
Analog supply to chip. All AVIN pins should be tied together.
B23
VSLS
Level shift voltage select for SIM card. Do not leave floating.
A35
PVIN5
Power input of DC5.
B24
FB5
Output sense pin of DC5 (Adjustable regulator).
A36
SW5
Switch output of DC5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com