Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 28Page - Micrel Semiconductor MIC2829 Datasheet HTML 29Page - Micrel Semiconductor MIC2829 Datasheet HTML 30Page - Micrel Semiconductor MIC2829 Datasheet HTML 31Page - Micrel Semiconductor MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
32
M9999-051410-B
FB5 and FB6
The feedback pin (FB5, FB6) allows DC5 and DC6
output voltage to be set by applying an external resistor
network. The internal reference voltage is 1V and the
recommended value of RBOTTOM is 20kΩ or below. A
feed-forward capacitor (CFF) of 120pF should be placed
parallel to RTOP to improve stability and transient
response. This does not impact the output voltage
setting. The output voltage is calculated from the
equation below.
⎟
⎠
⎞
⎜
⎝
⎛
+
=
1
20
1
kΩ
R
V
V
TOP
OUT
RBOTTOM
RTOP
CFF
VOUT
Figure 2. Feedback Resistor Network
SW
The switch pin (SW1 to SW6) connects directly to one
end of the inductor and provides the current path during
switching cycles. The other end of the inductor is
connected to the output of the buck regulator. Due to the
high speed switching on this pin, the switch node should
be routed away from sensitive nodes whenever possible.
VSC2
The voltage scaling pin (VSC2) is used to switch the
output of DC2 between two different voltage levels. A
high on the VSC2 pin will set the output voltage of DC2
to the higher voltage. A low on the VSC2 pin will set the
output voltage to the lower voltage. Do not leave floating.
LSPWR
The level shifter input supply pin (LSPWR) provides
power to the level shifter. A minimum 1µF input capacitor
with a minimum voltage rating of 6.3V placed close to
LSPWR and ground (AGND1, AGND2) is required.
Refer to the layout recommendations for details.
SIMPWR
SIM power (SIMPWR) provides power to the SIM Card.
A minimum 1µF input capacitor with a minimum voltage
rating of 6.3V to ground (AGND1, AGND2) is required.
Refer to the layout recommendations for details.
VSLS
VSLS selects the level shifted voltage for the SIM Card.
A high logic voltage on VSLS selects the level shifter to
3V. A low logic voltage on VSLS selects the level shifter
to 1.8V. Do not leave floating.
RSTIN, SIMRST
RSTIN is the digital reset input for the SIM Card and
translates to SIMRST through the digital level shifter. It is
one directional. If VSLS is low, then the input at RSTIN
will be level shifted to 1.8V at the SIMRST output. If
VSLS is high, then the input at RSTIN will be level
shifted to 3V at the SIMRST output.
CLKIN, SIMCLK
CLKIN is the digital input clock for SIM card. The CLKIN
translates to SIMCLK and is one directional. If VSLS is
low, then the input at CLKIN will be level shifted to 1.8V
at the SIMCLK output. If VSLS is high, then the input at
CLKIN will be level shifted to 3V at the SIMCLK output.
DATA, SIMIO
DATA is the digital data for the SIM Card. The DATA
translate to SIMIO through the digital level shifter and is
bi-directional using internal pull ups. If VSLS is low, then
the level shifted output is 1.8V at the SIMIO output. If
VSLS is high, then the level shifted output is 3V at the
SIMIO output. Since DATA and SIMIO are bi-directional,
the input at SIMIO is level shifted to equal the LSPWR
voltage at the DATA output.
G1 – G9
The G1 through G9 pins are not internally connected.
They serve as thermal relief and should be connected to
ground
(AGND1,
AGND2)
to
maximize
the
heat
dissipation. See layout recommendations for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com