Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 33 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 33 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 29Page - Micrel Semiconductor MIC2829 Datasheet HTML 30Page - Micrel Semiconductor MIC2829 Datasheet HTML 31Page - Micrel Semiconductor MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor MIC2829 Datasheet HTML 37Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
33
M9999-051410-B
Application Information
The MIC2829 is a Power Management Integrated Circuit
(PMIC) designed for 3G/4G (HEDGE/LTE or WiMAX)
modules. It incorporates six buck converters, eleven
LDOs and a SIM card level translator in a 5.5mm x
5.5mm
package
designed
to
support
3G/4G
(HEDGE/LTE or WiMAX) wireless modems. A typical
power source for the MIC2829 can be from a USB host
or a single cell lithium ion battery.
The MIC2829 has six integrated step-down regulators.
Four
of
the
six
integrated
step-down
converters
incorporate HyperLight Load
TM (HLL) technology. The
DC1, DC2, and DC4 operate at 4MHz switching
frequency range and can support 1A, 300mA and
600mA respectively. DC3 operates at 2.5MHz and can
support up to 600mA.
DC5 and DC6 operate at a 2MHz switching frequency,
can support 100% duty cycle operation and can maintain
800mA on each output. They both have adjustable
output voltages using external resistors.
The MIC2829 has eleven low dropout regulators (LDOs).
Five general purpose LDOs (LDO1 to LDO4, LDO11)
have low dropout, output accuracy of ±3% and drawing
40µA of ground current. The other six are high
performance LNRs (LNR5-LNR10) with a PSRR of over
70dB at 1kHz and 20µVrms Output Noise. The LNRs
require just 20µA to operate.
The MIC2829 also has three level shifters and a 50mA
power supply for digital SIM Card signal translations.
Input Capacitor
The MIC2829 has many input pins that are externally
connected. A 1µF ceramic capacitor or greater should
be placed close to the power input pin and ground. The
following chart indicates the minimum capacitance
needed for each input pin and their ideal grounding
points.
Pin Name
Capacitance
Ideal Ground
AVIN1
1 µF
AGND1
AVIN2
1 µF
AGND2
AVIN3
1 µF
AGND3
AVIN4
1 µF
AGND4
INLDO23
1 µF
AGND1 or AGND2
INLDO45
1 µF
AGND1 or AGND2
INLDO6
1 µF
AGND1 or AGND2
INLDO7
1 µF
AGND1 or AGND2
INLDO8
1 µF
AGND1 or AGND2
INLDO910
1 µF
AGND1 or AGND2
LSPWR
1 µF
AGND1 or AGND2
PVIN1
1 µF
PGND1
Pin Name
Capacitance
Ideal Ground
PVIN2
1 µF
PGND2
PVIN3
1 µF
PGND3
PVIN4
1 µF
PGND4
PVIN5
1 µF
PGND5
PVIN6
1 µF
PGND6
Table 3. Recommended Input Capacitance
A case size 0402, 1µF ceramic capacitor (Samsung
CL05A105KP5NNN)
is
recommended
based
upon
performance, size and cost. A X5R or X7R temperature
rating is recommended for the input capacitor. Y5V
temperature rating capacitors, aside from losing most of
their capacitance over temperature, can also become
resistive at high frequencies. This reduces their ability to
filter out high frequency noise.
Output Capacitor
The buck regulators (DC1 to DC6) are designed for use
with a 4.7µF or greater ceramic output capacitor. A case
size
0402,
4.7µF
ceramic
capacitor
(Samsung,
CL05A475MQ5NRN)
is
recommended
based
upon
performance, size and cost. A case size 0402, 1µF
ceramic capacitor (Samsung, CL05A105KP5NNN) is
recommended for each LDO (LDO1 to LDO4, LDO11,
and SIMPWR) output. Each LNR (LNR5 to LNR10) is
designed for low noise operation; therefore, a case size
0402,
2.2µF
ceramic
capacitor
(Samsung,
CL05A225MP5NSN) is recommended. Table 4 below
indicates the recommended capacitance needed for
each output and their ideal grounding points.
Output
Capacitance
Ideal Ground
LDO1
1 µF
AGND1 or AGND2
LDO2
1 µF
AGND1 or AGND2
LDO3
1 µF
AGND1 or AGND2
LDO4
1 µF
AGND1 or AGND2
LDO5
2.2 µF
AGND1 or AGND2
LDO6
2.2 µF
AGND1 or AGND2
LDO7
2.2 µF
AGND1 or AGND2
LDO8
2.2 µF
AGND1 or AGND2
LDO9
2.2 µF
AGND1 or AGND2
LDO10
2.2 µF
AGND1 or AGND2
LDO11
1 µF
AGND1 or AGND2
SIMPWR
1 µF
AGND1 or AGND2
DC1
4.7 µF
PGND1
DC2
4.7 µF
PGND2
DC3
4.7 µF
PGND3
DC4
4.7 µF
PGND4
DC5
4.7 µF
PGND5
DC6
4.7 µF
PGND6
Table 4. Recommended Output Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com