Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 35 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 31Page - Micrel Semiconductor MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor MIC2829 Datasheet HTML 37Page - Micrel Semiconductor MIC2829 Datasheet HTML 38Page - Micrel Semiconductor MIC2829 Datasheet HTML 39Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
35
M9999-051410-B
becomes increasingly critical in efficiency calculations.
As the inductors are reduced in size, the DC resistance
(DCR) can become quite significant. The DCR losses
can be calculated as follows:
PL_LOSS ≈ IOUT
2 × DCR
From that, the loss in efficiency due to inductor
resistance can be calculated as follows:
100
1
_
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
×
−
≈
LOSS
L
OUT
OUT
OUT
OUT
P
I
V
I
V
Loss
Efficiency
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
Partitioning for Optimal System Efficiency
Many of the LDOs can be post-regulated from the DC
regulator output to increase system efficiency. For
example, DC4 output can be used to power low output
voltage LNRs in order to reduce power loss during
voltage conversion.
Thermal Considerations
Whenever there is power dissipation, there will be
thermal considerations. In order to account for the
temperature rise in a PMIC with multiple regulators, the
power dissipation in each regulator must be accounted
for. The current rating of each regulator is shown below:
Output
Maximum Load (mA)
DC1
1000
DC2
300
DC3
600
DC4
600
DC5
800
DC6
800
LDO1
200
LDO2
200
LDO3
200
LDO4
200
LDO5
200
LDO6
200
LDO7
200
LDO8
200
LDO9
200
LDO10
200
LDO11
200
SIMPWR
50
Table 5. Output Current Rating
If each regulator on the MIC2829 is turned on at its
maximum load capability, the power dissipation into the
device will cause excessive temperature rise. In order to
avoid excessive temperature rise and unexpected
thermal shutdown the total power dissipation should be
considered.
LDO Power Dissipation
The power dissipation of a LDO can be calculated with
the input voltage, the output voltage and the output
current, as shown in the following equation.
PD_LDO ≈ (VIN – VOUT) IOUT + VIN IGND
Since the ground current (IGND) is relatively low, it can be
ignored for this calculation. For example, if the input
voltage is 3.3V, the output voltage is 2.8V and the output
current of the LDO is 200mA, the power dissipation of the
LDO can be calculated as follow:
PD_LDO ≈ (3.3V – 2.8V) × 200mA
PD_LDO ≈ 0.1W
Buck Regulator Power Dissipation
Neglecting some minor losses, the power dissipation in a
MIC2829 buck regulator (DC1 to DC6) is approximately
the switcher’s input power minus the switcher’s output
power and minus the power loss in the inductor.
PD_SWITCHER ≈ PIN x IIN – POUT x IOUT – PL_LOSS
Total Power Dissipation
The total power dissipation in the MIC2829 package is
equal to the sum of the power loss of each regulator.
PD_TOTAL ≈ SUM (PD_LDOS + PD_SWITCHERS)
The maximum power dissipation of the package can be
calculated by the following equation.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
≈
JA
A
)
J(
)
D(
θ
T
T
P
max
max
TJ(MAX) is the maximum junction temperature (125°C), TA
is the ambient temperature and
θ
JA is the junction-to-
ambient thermal resistance of the package (38.7°C/W).
The following table shows
the
maximum
power
dissipation versus the ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com