Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor MIC2829 Datasheet HTML 17Page - Micrel Semiconductor MIC2829 Datasheet HTML 18Page - Micrel Semiconductor MIC2829 Datasheet HTML 19Page - Micrel Semiconductor MIC2829 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
16
M9999-051410-B
Typical Characteristics (Continued)
Typical LNR Current Limit
vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
-40 -20
0
2040
6080
100 120
TEMPERATURE (°C)
COUT = 2.2µF
VIN = 5V
VIN = 4.3V
SIMPWR Current Limit
vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
-40
-20
0
2040
6080
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 1.8V
Typical LDO Current Limit
vs. Input Voltage
0
100
200
300
400
500
600
700
800
900
1000
2.73.1
3.5
3.94.34.7
5.15.5
INPUT VOLTAGE (V)
COUT = 1µF
Typical LNR Current Limit
vs. Input Voltage
0
100
200
300
400
500
600
700
800
900
1000
2.73.1
3.53.9
4.34.75.1
5.5
INPUT VOLTAGE (V)
COUT = 2.2µF
DC1 HLL SW Frequency
vs. Output Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT = 1.2V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 4.3V
VIN = 5V
DC2 HLL SW Frequency
vs. Output Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT = 1.0V
L = 2.2µH
COUT = 4.7µF
VSC2 = 0V
VIN = 3.6V
VIN = 4.3V
VIN = 5V
DC3 HLL SW Frequency
vs. Output Current
0.0
1.0
2.0
3.0
4.0
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT = 3V
L = 1.0µH
COUT = 4.7µF
VIN = 4.3V
VIN = 5V
DC4 HLL SW Frequency
vs. Output Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT = 1.8V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 4.3V
VIN = 5V
4MHz HLL SW Frequency
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 800mA
VIN = 5V
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
IOUT = 400mA
IOUT = 120mA
2.5MHz HLL SW Frequency
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 400mA
VIN = 5V
VOUT_NOM = 3V
L = 1µH
COUT = 4.7µF
IOUT = 600mA
IOUT = 800mA
DC5/6 PWM SW Frequency
vs. Temperature
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
-40 -20
0
20
406080
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 3.3V
L = 2.2µH
COUT = 4.7µF
IOUT = 120mA
IOUT = 800mA
Typical LDO PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1000
100000
10000000
FREQUENCY (Hz)
VIN = 4.3V
VOUT_NOM = 2.5V
COUT = 1µF
IOUT = 100µA
IOUT = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com