Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor MIC2829 Datasheet HTML 37Page - Micrel Semiconductor MIC2829 Datasheet HTML 38Page - Micrel Semiconductor MIC2829 Datasheet HTML 39Page - Micrel Semiconductor MIC2829 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
36
M9999-051410-B
PD(MAX) (W)
TA (°C)
4.26
-40
3.75
-20
3.23
0
2.71
20
2.20
40
1.68
60
1.16
80
0.65
100
0.13
120
Table 6. Maximum Power Dissipation
It is good practice to not exceed the maximum power
dissipation of the device in order to avoid excessive
temperature rise or unexpected thermal shutdown.
HyperLight Load™ Mode
The HyperLight Load™ (HLL) buck regulators on the
MIC2829 use a proprietary control loop (patented by
Micrel). It has two modes of operation (HLL mode and
PWM mode).
The transition from HLL mode to PWM mode is
determined by the inductor ripple current. If the inductor
ripple current reaches below zero it is considered to be
in discontinuous mode (DCM). The HLL control loop will
control the switching in DCM using pulse frequency
modulation (PFM). As the load pulls the output voltage
below the monitored threshold, the HLL control loop
turns
on
the
topside
PMOS
transistor
for
a
predetermined time until the output voltage rises above
the monitored threshold. Once the upper threshold is
reached, the topside PMOS is switched off and the
voltage will then be slowly pulled down by the load. As
the load increases, the switching frequency increases.
By varying the switching frequency, the regulator only
switches when needed which improves efficiency by
reducing switching losses.
As the load increases and the inductor ripple current
rises above zero, the HLL regulator switches into
continuous conduction mode (CCM). The equation to
calculate the load when the HLL regulator goes into
continuous conduction mode may be approximated by
the following formula:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
>
f
L
D
)
V
(V
I
OUT
IN
LOAD
2
As shown in the equation, the load at which HLL
regulators transitions from HyperLight Load™ mode to
PWM mode is a function of the input voltage (VIN), the
output voltage (VOUT), the duty cycle (D), the inductance
(L) and the switching frequency (f). Note that the duty
cycle is approximately VOUT divided by VIN for buck
converters. The following graph shows the HLL regulator
switching frequency versus the output current. Since the
inductance range of MIC2829 is from 1µH to 2.2µH, the
device may then be tailored to enter HyperLight Load™
mode or PWM mode at a specific load current by
selecting the appropriate inductance. For example, in
Figure 4, when the inductance is 2.2µH the HLL
regulator will transition into PWM mode at a load of
approximately 30mA. Under the same condition, if 1µH
inductance is used, the MIC2829 will transition into PWM
mode at approximately 100mA.
DC4 Switching Frequency
vs. Output Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1
10
100
1000
OUTPUT CURRENT (mA)
VIN = 5V
VOUT = 1.8V
COUT = 4.7µF
L = 2.2µH
L = 1µH
Figure 4. Switching Frequency with Various Inductance
In CCM, the HLL regulator works in pulse width
modulation (PWM) by controlling the PMOS transistor
off-time. To regulate the output voltage, the PMOS
transistor off-time is controlled. As the output voltage
decreases, the PMOS transistor off-time is decreased.
As
the
output
voltage
increases,
the
off-time
is
increased. This method of controlling the off-time
achieves the same goal as controlling the on-time as in
other PWM regulators by increasing or decreasing the
duty cycle of the PMOS transistor. In CCM, the
synchronous switching between the PMOS and the
NMOS is modulated at 4MHz for DC1, DC2 and DC4.
Due to the higher output voltage of DC3 (3V), the
switching frequency in CCM is at 2.5MHz. The HLL
regulators may reach the minimum-off-time limit at lower
input voltage and higher load currents. In order to
regulate at such high duty cycles, the HLL regulator
transitions into the on-time control scheme. During the
on-time control scheme, the off-time is set constant at
around (65ns), and the on-time is increased to deliver
more energy. By doing so, the duty cycle is increased,
and the output voltage maintains regulation even at
lower input voltages and extreme load situations. As a
result of increasing the on-time and fixing the off-time,
the switching frequency is lowered. In CCM, the
switching frequency is relatively constant, but at higher
output voltage and output current levels, the control may
transition into on-time control to regulate the output and
thus, lower the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com