Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2829 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
9
M9999-051410-B
Electrical Characteristics – Buck Regulator (DC5, DC6)
TA=25
oC, AVINx = ENGLB = ENDC5 = ENDC6 = 4.3V, L = 2.2µH, C
OUT = 2.2µF, IOUT = 100mA, unless otherwise noted.
Bold values indicate -40
°C ≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
Switch Current Limit
VFB = 0.9 V
0.86
1.3
A
FB Voltage Accuracy
0.97
1.0
1.03
V
Line Regulation
3.0V
≤ AVIN ≤ 5V , ILOAD = 100mA
0.12
%
Load Regulation
20mA
≤ IOUT ≤ 300mA
0.2
%
Soft Start Time
VOUT = 90%; ILOAD = 5mA
100
µs
ISW = +100mA PMOS
0.4
Ω
DC Switch ON Resistance
ISW = -100mA NMOS
0.5
Ω
Switching Frequency
1.6
2
2.4
MHz
FB Pin Input Current
1
nA
Electrical Characteristics – Low Dropout Regulators (LDO1 – LDO4, LDO11)
TA=25
oC, AVINx = ENGLB = ENLx = 4.3V, V
INLDOx = Vout+1V, COUT = 1µF, IOUT = 100µA, unless noted.
Bold values indicate -40
°C ≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage Range
1.8
AVIN
V
Current Limit
200
mA
Output Voltage Accuracy
-3
3
%
Dropout Voltage
LDO2, 4; IOUT = 100mA;
LDO3; IOUT = 100mA;
LDO1, 11; IOUT = 100mA;
80
38
115
125
100
210
mV
Line Regulation
VOUT + 1V ≤ VINLDO ≤ 5.5V
0.02
0.2
%/V
Load Regulation
100µA
≤ IOUT ≤ 100mA
0.4
2
%
Output Noise
100Hz to 100kHz;
COUT = 2.2µF
65
µVrms
Ripple Rejection
f = 1kHz, COUT = 2.2µF
55
dB
Turn On Time
Enable to 90% nominal VOUT
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com