Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 24Page - Texas Instruments TLV2556MPWREP Datasheet HTML 25Page - Texas Instruments TLV2556MPWREP Datasheet HTML 26Page - Texas Instruments TLV2556MPWREP Datasheet HTML 27Page - Texas Instruments TLV2556MPWREP Datasheet HTML 28Page - Texas Instruments TLV2556MPWREP Datasheet HTML 29Page - Texas Instruments TLV2556MPWREP Datasheet HTML 30Page - Texas Instruments TLV2556MPWREP Datasheet HTML 31Page - Texas Instruments TLV2556MPWREP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Power Up and Initialization
Default Mode
Data Input
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
When programmed as INT, pin 19 goes low when the conversion is complete and the output data register is
latched. The next I/O CLOCK rising edge clears the INT output. The time from the last I/O CLOCK falling edge to
the falling INT edge is equivalent to the EOC delay mentioned above plus the maximum conversion time. INT is
cancelled by (or brought to high) by either the next CS falling edge or the next SCLK rising edge (when CS is
held low all of the time for multiple cycles). When CS is held low continuously (for multiple cycles) MSB output
occurs after the first rising edge of I/O CLOCK after EOC is inactive or the falling edge of INT.
After power up, CS must be taken from high to low to begin an I/O cycle. INT/EOC pin is initially high, and both
configuration registers are set to all zeroes. The contents of the output data register are random, and the first
conversion result should be ignored. To initialize during operation, CS is taken high and is then returned low to
begin the next I/O cycle. The first conversion after the device has returned from the power-down state may not
read accurately due to internal device settling.
Table 1. Operational Terminology
The entire I/O CLOCK sequence that transfers address and control data into the data register and
Current (N) I/O cycle
clocks the digital result from the previous conversion from DATA OUT.
The conversion cycle starts immediately after the current I/O cycle. The end of the current I/O cycle is
Current (N) conversion cycle
the last clock falling edge in the I/O CLOCK sequence. The current conversion result is loaded into
the output register when conversion is complete.
Current (N) conversion result
The current conversion result is serially shifted out on the next I/O cycle.
Previous (N–1) conversion cycle
The conversion cycle just prior to the current I/O cycle
Next (N+1) I/O cycle
The I/O period that follows the current conversion cycle
Example
In 12-bit mode, the result of the current conversion cycle is a 12-bit serial-data stream clocked out during the
next I/O cycle. The current I/O cycle must be exactly 12 bits long to maintain synchronization, even when this
corrupts the output data from the previous conversion. The current conversion is begun immediately after the
twelfth falling edge of the current I/O cycle.
When the DATA IN pin is held high, the ADC goes into hardware default mode because the CFGR2 bits are all
programmed to the default values after eight I/O CLOCK cycles. This means the ADC is programmed for an
external reference and pin 19 as EOC. In addition, channel AIN0 is selected. The first conversion is invalid
therefore the conversion result should be ignored. On the next cycle, AIN0 is sampled and converted. This mode
of operation is valid when CS is toggled or held low after the first cycle.
To remove the device from hardware default mode, CFGR2 bit D0 must be reset to 0. Once this is done, the host
must program CFGR1 on the next cycle and disregard the result from the current cycle’s conversion.
The data input is internally connected to an 8-bit serial-input address and control register. The register defines
the operation of the converter and the output data length. The host provides the input data byte with the MSB
first. Each data bit is clocked in on the rising edge of the I/O CLOCK sequence (see Table 2 for the data
input-register format).
28
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com