Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV2556MPWREP Datasheet HTML 22Page - Texas Instruments TLV2556MPWREP Datasheet HTML 23Page - Texas Instruments TLV2556MPWREP Datasheet HTML 24Page - Texas Instruments TLV2556MPWREP Datasheet HTML 25Page - Texas Instruments TLV2556MPWREP Datasheet HTML 26Page - Texas Instruments TLV2556MPWREP Datasheet HTML 27Page - Texas Instruments TLV2556MPWREP Datasheet HTML 28Page - Texas Instruments TLV2556MPWREP Datasheet HTML 29Page - Texas Instruments TLV2556MPWREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Access Cycle
Sample Cycle
MSB
DATA OUT
1
2
3
5
4
6
10
11
12
1
I/O CLOCK
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9 LSB+1
LSB
16
DATA IN
8
7
9
MSB−6 MSB−7
Low Level
MSB
D7
EOC
Initialize
Initialize
Shift in New Multiplexer Address, Simultaneously
Shift Out Previous Conversion Result
Previous Conversion Data
Pad Zeros
Channel
Address
Output Data
Format
A/D Conversion Interval
tconv
DATA IN Can be Tied or Held High
CS
TLV2556-EP
SLAS598A – NOVEMBER 2008 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before
responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum
CS setup time has elapsed.
Figure 53. Timing for Default Mode Not Using CS: (16-Clock Transfer, MSB First, External Reference, Pin
19 = EOC, Input = AIN0)
To remove the device from default mode, CFGR2–D0 must be reset to 0. Valid sample/convert cycles can
resume on the cycle following the CFGR2 configuration.
26
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com