Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556MPWREP
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  TLV2556MPWREP Datasheet HTML 1Page - Texas Instruments TLV2556MPWREP Datasheet HTML 2Page - Texas Instruments TLV2556MPWREP Datasheet HTML 3Page - Texas Instruments TLV2556MPWREP Datasheet HTML 4Page - Texas Instruments TLV2556MPWREP Datasheet HTML 5Page - Texas Instruments TLV2556MPWREP Datasheet HTML 6Page - Texas Instruments TLV2556MPWREP Datasheet HTML 7Page - Texas Instruments TLV2556MPWREP Datasheet HTML 8Page - Texas Instruments TLV2556MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ELECTRICAL CHARACTERISTICS
TLV2556-EP
www.ti.com ................................................................................................................................................... SLAS598A – NOVEMBER 2008 – REVISED JULY 2009
over recommended operating free-air temperature range, VREF+ = 5 V,
SCLK frequency = 15 MHz when VCC = 5 V, VREF+ = 2.5 V,
SCLK frequency = 10 MHz when VCC = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VCC = 4.5 V, IOH = –1.6 mA
2.4
VCC = 2.7 V, IOH = –0.2 mA
VOH
High-level output voltage
30 pF
V
VCC = 4.5 V, IOH = –20 µA
VCC – 0.1
VCC = 2.7 V, IOH = –20 µA
VCC = 5.5 V, IOL = 1.6 mA
0.4
VCC = 3.6 V, IOL = 0.8 mA
VOH
Low-level output voltage
30 pF
V
VCC = 5.5 V, IOL = –20 µA
0.1
VCC = 3.6 V, IOL = –20 µA
VO = VCC, CS = VCC
1
2.5
IOZ
High impedance off state output current
µA
VO = 0 V, CS = VCC
–1
–2.5
VCC = 5 V
1.2
CS at 0 V, External reference
VCC = 2.7 V
0.9
ICC
Operating supply current
mA
VCC = 5 V
3
CS at 0 V, Internal reference
VCC = 2.7 V
2.4
External
0.1
10
For all digital inputs,
reference
ICC(SP
Software power down current
0 V
≤ VI ≤ 0.5 V or
µA
D)
Internal
VI ≥ VCC – 0.5 V, SCLK = 0 V
0.1
10
reference
External
0.1
10
For all digital inputs,
reference
ICC(AP
Auto power down current
0 V
≤ VI ≤ 0.5 V or
µA
D)
Internal
VI ≥ VCC – 0.5 V, SCLK = 0 V
1800
reference
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0 V
–0.005
–2.5
µA
Selected channel at VCC ,
1
Unselected channel at 0 V
Ilkg
Selected channel leakage current
µA
Selected channel at 0 V,
–1
Unselected channel at VCC
VCC = 4.5 V to 5.5 V
3.0
f(OSC)
Internal oscillator frequency
MHz
VCC = 2.7 V to 3.6 V
2.1
VCC = 4.5 V to 5.5 V
4.53
tconv
Conversion time = 13.5 × f(OSC) + 25 ns
µs
VCC = 2.7 V to 3.6 V
6.46
Internal oscillator frequency
3.9
V
switch-over voltage
VCC = 4.5 V
600
Zi
Analog input MUX impedance(2)
Ω
VCC = 2.7 V
500
Analog inputs
45
Ci
Input capacitance
pF
Control inputs
5
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The switch resistance is very nonlinear and varies with input voltage and supply voltage.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV2556-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com